| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS8135 bảng dữ liệu(PDF) 8 Page - Cherry Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
CS8135 bảng dữ liệu(HTML) 8 Page - Cherry Semiconductor Corporation |
|
8 / 8 page ![]() Part Number Description CS8135YT5 5 Lead TO-220 Straight CS8135YTVA5 5 Lead TO-220 Vertical CS8135YTHA5 5 Lead TO-220 Horizontal 8 Rev. 10/21/97 Ordering Information PACKAGE THERMAL DATA Package Dimensions in MM (Inches) Thermal Data 5 Lead TO-220 RQJC typ 2.3 ûC/W RQJA typ 50 ûC/W Package Specification © 1999 Cherry Semiconductor Corporation Cherry Semiconductor Corporation reserves the right to make changes to the specifications without notice. Please contact Cherry Semiconductor Corporation for the latest available information. 5 Lead TO-220 (T) Straight 2.87 (.113) 2.62 (.103) 6.93(.273) 6.68(.263) 9.78 (.385) 10.54 (.415) 1.02(.040) 0.63(.025) 1.83(.072) 1.57(.062) 0.56 (.022) 0.36 (.014) 2.92 (.115) 2.29 (.090) 1.40 (.055) 1.14 (.045) 4.83 (.190) 4.06 (.160) 6.55 (.258) 5.94 (.234) 14.22 (.560) 13.72 (.540) 1.02 (.040) 0.76 (.030) 3.71 (.146) 3.96 (.156) 14.99 (.590) 14.22 (.560) 5 Lead TO-220 (THA) Horizontal 0.81(.032) 1.70 (.067) 6.81(.268) 1.40 (.055) 1.14 (.045) 5.84 (.230) 6.60 (.260) 6.83 (.269) 0.56 (.022) 0.36 (.014) 10.54 (.415) 9.78 (.385) 6.55 (.258) 5.94 (.234) 3.96 (.156) 3.71 (.146) 1.68 (.066) TYP 14.99 (.590) 14.22 (.560) 2.77 (.109) 2.29 (.090) 2.92 (.115) 4.83 (.190) 4.06 (.160) 2.87 (.113) 2.62 (.103) 5 Lead TO-220 (TVA) Vertical 1.68 (.066) typ 1.70 (.067) 7.51 (.296) 1.78 (.070) 4.34 (.171) 0.56 (.022) 0.36 (.014) 1.40 (.055) 1.14 (.045) 4.83 (.190) 4.06 (.160) 14.99 (.590) 14.22 (.560) 2.92 (.115) 2.29 (.090) .94 (.037) .69 (.027) 8.64 (.340) 7.87 (.310) 6.80 (.268) 10.54 (.415) 9.78 (.385) 2.87 (.113) 2.62 (.103) 6.55 (.258) 5.94 (.234) 3.96 (.156) 3.71 (.146) |