công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS51311 bảng dữ liệu(PDF) 8 Page - Cherry Semiconductor Corporation

tên linh kiện CS51311
Giải thích chi tiết về linh kiện  Synchronous CPU Buck Controller for 12V and 5V Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CHERRY [Cherry Semiconductor Corporation]
Trang chủ  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51311 bảng dữ liệu(HTML) 8 Page - Cherry Semiconductor Corporation

Back Button CS51311 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51311 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51311 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51311 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51311 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS51311 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS51311 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS51311 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS51311 Datasheet HTML 12Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Application Information: continued
regulator output exceeds the voltage on the COMP pin
plus the 1.1V PWM comparator offset prior to the drop
across the current sense resistor exceeding the current limit
threshold. In this case, the PWM control loop has achieved
regulation and the initial pulse is then followed by a con-
stant off time as programmed by the COFF capacitor. The
COMP capacitor will continue to slowly charge and the
regulator output voltage will follow it, less the 1.1V PWM
offset, until it achieves the voltage programmed by the
DAC’s VID input. The Error Amp will then source or sink
current to the COMP cap as required to maintain the cor-
rect regulator DC output voltage. Since the rate of increase
of the COMP pin voltage is typically set much slower than
the regulator’s slew capability, inrush current, output volt-
age, and duty cycle all gradually increase from zero. (See
Figures 7, 8, and 9).
Figure 7: Normal Startup (2ms/div).
Channel 1 - Regulator Output Voltage (1V/div)
Channel 2 - COMP Pin (1V/div)
Channel 3 - VCC (10V/div)
Channel 4 - Regulator Input Voltage (5V/div)
Figure 8: Normal Startup showing initial pulse followed by Soft Start
(20µs/div).
Channel 1 - Regulator Output Voltage (1V/div)
Channel 2 – Inductor Switching Node (5V/div)
Channel 3 - VCC (10V/div)
Channel 4 - Regulator Input Voltage (5V/div)
Figure 9: Pulse-by-Pulse Regulation during Soft Start (2µs/div).
Channel 1 - Regulator Output Voltage (1V/div)
Channel 2 – Inductor Switching Node (5V/div)
Channel 3 - VCC (10V/div)
Channel 4 - Regulator Input Voltage (5V/div)
If the voltage across the Current Sense resistor generates a
voltage difference between the VFB and VOUT pins that
exceeds the OVC Comparator Offset Voltage (86mV typi-
cal), the Fault latch is set. This causes the COMP pin to be
quickly discharged, turning off GATE(H) and the upper
NFET since the voltage on the COMP pin is now less than
the 1.1V PWM comparator offset. The Fault latch is reset
when the voltage on the COMP decreases below the
Discharge threshold voltage (0.25V typical). The COMP
capacitor will again begin to charge, and when it exceeds
the 1.1V PWM comparator offset, the regulator output will
Soft Start normally (see Figure 10).
Because the start-up circuit depends on the current sense
function, a current sense resistor should always be used.
Figure 10: Startup with COMP pre-charged to 2V (2ms/div).
Channel 1 - Regulator Output Voltage (1V/div)
Channel 2 - COMP Pin (1V/div)
Channel 3 - VCC (10V/div)
Channel 4 - Regulator Input Voltage (5V/div)
Soft Start @
COMP > 1.1V
OCP @
VCC > 8.4V
Duty Cycle = VOUT / VIN
0.27V / 3.54V = 7% ≈ 5.2%
Start-up @
VCC > 8.4V
Initial Pulse until VOUT
> COMP + PWM Offset
Start-up @
VCC > 8.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com