| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
U74HCT3G04L-SM1-R bảng dữ liệu(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74HCT3G04L-SM1-R bảng dữ liệu(HTML) 3 Page - Unisonic Technologies |
|
3 / 4 page ![]() U74HCT3G04 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 3 of 4 www.unisonic.com.tw QW-R502-161.B ABSOLUTE MAXIMUM RATINGS (unless otherwise specified) PARAMETER SYMBOL RATINGS UNIT Supply Voltage VCC -0.5~ 7 V Input Voltage VIN -0.5~ 7 V Output Voltage VOUT -0.5 ~ VCC+0.5 V Output Current IOUT 25 mA VCC or GND Current ICC 50 mA Input Clamp Current IIK ±20 mA Output Clamp Current IOK ±20 mA Power Dissipation PD 300 mW Storage Temperature TSTG -65 ~ +150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. RECOMMENDED OPERATING CONDITIONS PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNIT Supply Voltage VCC 4.5 5.0 5.5 V Input Voltage VIN 0 VCC V Output Voltage VOUT 0 VCC V Input Transition Rise or Fall Rate tR, tF VCC=4.5V 6.0 500 ns Operating Temperature TA -40 +125 °C STATIC CHARACTERISTICS (TA=25°C, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT High-Level Input Voltage VIH VCC=4.5V~5.5V 2.0 1.6 V Low-Level Input Voltage VIL VCC=4.5V~5.5V 1.2 0.8 V High-Level Output Voltage VOH VCC=4.5V, IOH=-20μA 4.4 4.5 V VCC=4.5V, IOH=-4.0mA 4.18 4.32 Low-Level Output Voltage VOL VCC=4.5V, IOL=20μA 0 0.1 V VCC=4.5V, IOL =4.0mA 0.15 0.26 Input Leakage Current II(LEAK) VCC=5.5V, VIN=VCC or GND ±1.0 μA Quiescent Supply Current IQ VCC=5.5V, IOUT=0, VIN=VCC or GND 10 μA Additional Quiescent Supply Current Δ IQ VCC=5.5V, IOUT=0, VIN=VCC -2.1V 300 μA Input Capacitance CIN 1.5 pF DYNAMIC CHARACTERISTICS (tR, tF≤6.0ns) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Propagation Delay From nA to nY tPHL /tPLH VCC=4.5V, CL=50pF 10 23 ns Output Transition Time tTHL /tTLH VCC=4.5V, CL=50pF 6 19 ns OPERATING CHARACTERISTIC PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Power Dissipation Capacitance Cpd 9 pF |