| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
U74HC4094G-P16-R bảng dữ liệu(PDF) 4 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74HC4094G-P16-R bảng dữ liệu(HTML) 4 Page - Unisonic Technologies |
|
4 / 6 page ![]() U74HC4094 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 4 of 6 www.unisonic.com.tw QW-R502-645.B ABSOLUTE MAXIMUM RATING PARAMETER SYMBOL RATINGS UNIT Supply Voltage VCC -0.5 ~ 7.0 V Input Voltage VIN -0.5 ~ VCC +0.5 V Output Voltage VOUT -0.5 ~ VCC +0.5 V VCC or GND Current ICC ±50 mA Input Current IIN ±20 mA Output Current IOUT ±25 mA Storage Temperature TSTG -65 ~ + 150 ℃ Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. RECOMMENDED OPERATING CONDITIONS PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Supply Voltage VCC Operating 2.0 6.0 V Input Voltage VIN 0 VCC V Output Voltage VOUT 0 VCC V Operating Temperature TA -40 +125 ℃ Input Rise or Fall Times tR, tF VCC=2.0V 1000 ns VCC=4.5V 500 VCC=6.0V 400 ELECTRICAL CHARACTERISTICS(TA=25℃) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT High-level input voltage VIH VCC=2V 1.5 V VCC=4.5V 3.15 V VCC=6V 4.2 V Lowever output voltage VIL VCC=2V 0.5 V VCC=4.5V 1.35 V VCC=6V 1.8 V High-Level Output Voltage VOH VCC=2V, IOH=-20μA 1.9 V VCC=4.5V, IOH=-20μA 4.4 V VCC=6V, IOH=-20μA 5.9 V VCC=4.5V, IOH=-4.0mA 3.98 V VCC=6V, IOH=-5.2mA 5.48 V Low-Level Output Voltage VOL VCC=2V, IOL=20μA 0.1 V VCC=4.5V, IOL=20μA 0.1 V VCC=6V, IOL=20μA 0.1 V VCC=4.5V, IOH=4mA 0.26 V VCC=6V, IOL=5.2mA 0.26 V Input Leakage Current II(LEAK) VCC=6V, VIN= VCC or GND ±0.1 μA Output OFF -state current IOZ VCC=6V, VOUT=VCC or GND ±0.5 μA Quiescent Supply Current IQ VCC=6V, VIN=VCC or GND, IOUT=0 4 μA |