| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
U74HC377G-S20-R bảng dữ liệu(PDF) 6 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74HC377G-S20-R bảng dữ liệu(HTML) 6 Page - Unisonic Technologies |
|
6 / 8 page ![]() U74HC377 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 6 of 8 www.unisonic.com.tw QW-R502-A49.A TIMING REQUIREMENTS (TA =25°C , unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Clock frequency fCLOCK VCC=2.0V 5 MHz VCC=4.5V 25 MHz VCC=6.0V 29 MHz Pulse duration CLK high or low tW VCC=2.0V 100 ns VCC=4.5V 20 ns VCC=6.0V 17 ns Setup time before CLK↑ D tSU VCC=2.0V 100 ns VCC=4.5V 20 ns VCC=6.0V 17 ns EN high or low VCC=2.0V 100 ns VCC=4.5V 20 ns VCC=6.0V 17 ns Hold time after CLK↑ EN inactive or active, data tH VCC=2.0V 5 ns VCC=4.5V 5 ns VCC=6.0V 5 ns SWITCHING CHARACTERISTICS (tr= tf= 6ns, CL=50pF, TA =25°C, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Minimum Frequency Response fMAX VCC=2.0V 5 11 ns VCC=4.5V 25 54 ns VCC=6.0V 29 64 ns From CLK to Q tPD VCC=2.0V 56 160 ns VCC=4.5V 15 32 ns VCC=6.0V 12 27 ns To Any tt VCC=2.0V 38 75 ns VCC=4.5V 8 15 ns VCC=6.0V 6 13 ns OPERATING CHARACTERISTICS (TA =25°C , unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Power Dissipation Capacitance CPD No load. 30 pF |