công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMC6041IM bảng dữ liệu(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMC6041IM
Giải thích chi tiết về linh kiện  LMC6041 CMOS Single Micropower Operational Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6041IM bảng dữ liệu(HTML) 12 Page - National Semiconductor (TI)

Back Button LMC6041IM Datasheet HTML 8Page - National Semiconductor (TI) LMC6041IM Datasheet HTML 9Page - National Semiconductor (TI) LMC6041IM Datasheet HTML 10Page - National Semiconductor (TI) LMC6041IM Datasheet HTML 11Page - National Semiconductor (TI) LMC6041IM Datasheet HTML 12Page - National Semiconductor (TI) LMC6041IM Datasheet HTML 13Page - National Semiconductor (TI) LMC6041IM Datasheet HTML 14Page - National Semiconductor (TI) LMC6041IM Datasheet HTML 15Page - National Semiconductor (TI) LMC6041IM Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
LMC6041
SNOS610E – DECEMBER 1994 – REVISED MARCH 2013
www.ti.com
Figure 31. Example of Guard Ring
in P.C. Board Layout
Figure 32. Inverting Amplifier
Figure 33. Follower
Non-Inverting Amplifier
Figure 34. Typical Connections of Guard Rings
The designer should be aware that when it is inappropriate to lay out a PC board for the sake of just a few
circuits, there is another technique which is even better than a guard ring on a PC board: Don't insert the
amplifier's input pin into the board at all, but bend it up in the air and use only air as an insulator. Air is an
excellent insulator. In this case you may have to forego some of the advantages of PC board construction, but
the advantages are sometimes well worth the effort of using point-to-point up-in-the-air wiring. See Figure 35.
12
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LMC6041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23