| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT202 bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AT202 bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 33 page ![]() Accessories & Hardware www.nkk.com Y5 Y AT065-1 Panel Frame for Rocker & Paddle .450” Wide Polyamide Color: A Series: M AT065-1 accommodates panel thickness 1.2 ~ 2.3mm (.047 ~ .090”) AT065-2 Panel Frame for Rocker & Paddle .450” Wide Polyamide Color: A Series: M AT065-2 accommodates panel thickness 1.57 ~ 3.18mm (.062 ~ .125”) * AT066 .300” Wide Rocker Polyamide Color: A B C Series: A * AT070 LED for AT208 Bezel Colors: C F Series: EB M MB24 * AT073 Mounting Nut Brass with nickel plating Series: HB * AT075 O-ring for LB Panel Seal Nitrile butadiene rubber Series: LB * AT092 Knurled Mounting Nut Glass fiber reinforced PBT Series: YB YB2 (6.68) .263 (19.43) .765 (15.62) .615 (2.3) .090 (12.0) .472 (12.8) .504 (11.4) .448 (15.2) .600 (7.0) .276 (7.6) .300 (9.0) Dia .354 (5.0) .197 M8 P0.75 (5.5) .217 (25.0) Dia .984 M22 P1 (0.5) .020 (25.0) Dia .984 (22.0) Dia .866 (7.7) .303 (6.0) Dia .236 (5.08) Dia .200 (+) (–) Color Codes: A Black B White C Red D Amber E Yellow F Green G Blue H Gray J Clear (18.0) Dia .709 (16.0) Dia .630 (0.5) .020 (2.4) .094 (4.7) .185 (9.2) .362 M3.5 P0.6 (12.0) Dia .472 M16 P1 (11.0) .433 (18.0) Dia .709 AT089 O-ring for YB Panel Seal Nitrile butadiene rubber Series: YB * AT074 Mounting Nut for LB Panel Seal Brass with chromate Series: LB AT080 Screw Adaptor for AT452 & AT454 Brass Series: MB20 SCB |