| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UB2017L-AA-AG6-R bảng dữ liệu(PDF) 4 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UB2017L-AA-AG6-R bảng dữ liệu(HTML) 4 Page - Unisonic Technologies |
|
4 / 13 page ![]() UB2017 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 4 of 13 www.unisonic.com.tw QW-R502-868.a ABSOLUTE MAXIMUM RATING PARAMETER SYMBOL RATINGS UNIT Input Supply Voltage VCC -0.3~+7.0 V PROG Voltage VPROG -0.3~+7.0 V BAT Voltage VBAT -0.3~+7.0 V CHRG Voltage VCHRG -0.3~+7.0 V BAT Short-Circuit Duration Continuous BAT Pin Current IBAT 500 mA PROG Pin Current IPROG 500 µA Junction Temperature TJ 125 °С Operating Ambient Temperature TOPR -40 ~ +85 °С Storage Temperature TS -65 ~ +125 °С Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. 2. Pulse (μsec) noise exceeding the above input voltage (GND+7.0V) may cause damage to the IC. THERMAL DATA PARAMETER SYMBOL RATINGS UNIT Junction to Ambient θJA 250 °С/W |