công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THS4281DBVRG4 bảng dữ liệu(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
tên linh kiện THS4281DBVRG4
Giải thích chi tiết về linh kiện  VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4281DBVRG4 bảng dữ liệu(HTML) 13 Page - National Semiconductor (TI)

Back Button THS4281DBVRG4 Datasheet HTML 9Page - National Semiconductor (TI) THS4281DBVRG4 Datasheet HTML 10Page - National Semiconductor (TI) THS4281DBVRG4 Datasheet HTML 11Page - National Semiconductor (TI) THS4281DBVRG4 Datasheet HTML 12Page - National Semiconductor (TI) THS4281DBVRG4 Datasheet HTML 13Page - National Semiconductor (TI) THS4281DBVRG4 Datasheet HTML 14Page - National Semiconductor (TI) THS4281DBVRG4 Datasheet HTML 15Page - National Semiconductor (TI) THS4281DBVRG4 Datasheet HTML 16Page - National Semiconductor (TI) THS4281DBVRG4 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
1
10
100
1000
10
100
1K
10K
100K
f − Frequency − Hz
VS = 2.7 V to 15 V,
TA = 27°C
Vn
In
12.5 nV/rt(Hz)
1.5 pA/rt(Hz)
0
10
20
30
40
50
0.5
0.75
1
1.25
1.5
1.75
2
VO − Output Voltage − VPP
Rise
Fall
Gain = −1,
RF = 3 kΩ,
RL = 1 kΩ,
VS = 2.7 V
0
10
20
30
40
50
60
0.5
1
1.5
2
2.5
3
3.5
4
VO − Output Voltage − VPP
Rise
Fall
Gain = −1,
RF = 3 kΩ,
RL = 1 kΩ,
VS = 5 V
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0
20
40
60
80
100
t − Time − ns
Gain = −1
RL = 1 kΩ
RF= 3 kΩ
VS = ±1.35 V
1-V Step
Rise
Fall
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
9
10 11 12
VO − Output Voltage − VPP
Rise
Fall
Gain = −1,
RF = 3 kΩ,
RL = 1 kΩ,
VS = 15 V
0
10
20
30
40
50
60
70
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VO − Output Voltage − VPP
Rise
Fall
Gain = −1,
RF = 3 kΩ,
RL = 1 kΩ,
VS = ±5 V
Fall
t − Time − ns
Gain = −1
RL = 1 kΩ
RF= 3 kΩ
VS = ±1.35 V
1-V Step
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
20
40
60
80
100
120 140 160 180
Rise
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
40
60
80
100
120 140 160 180 200
Rise
Fall
t − Time − ns
Gain = −1
RL = 1 kΩ
RF = 3 kΩ
VS = ±2.5 V
2-V Step
−1.5
−1
−0.5
0
0.5
1
1.5
0
10
20
30
40 50
60
70
80
90 100
t − Time − ns
Gain = −1
RL = 1 kΩ
RF = 3 kΩ
VS = ±2.5 V
THS4281
www.ti.com
SLOS432A – APRIL 2004 – REVISED NOVEMBER 2009
TYPICAL CHARACTERISTICS (continued)
NOISE
vs
(VS = 2.7 V)
(VS = 5 V)
FREQUENCY
SLEW RATE
SLEW RATE
Figure 28.
Figure 29.
Figure 30.
(VS = ±5 V)
(VS = 15 V)
(VS = ±1.35 V)
SLEW RATE
SLEW RATE
SETTLING TIME
Figure 31.
Figure 32.
Figure 33.
(VS = ±1.35 V)
(VS = ±2.5 V)
(VS = ±2.5 V)
SETTLING TIME
SETTLING TIME
SETTLING TIME
Figure 34.
Figure 35.
Figure 36.
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): THS4281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com