| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL431BCDM bảng dữ liệu(PDF) 13 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
TL431BCDM bảng dữ liệu(HTML) 13 Page - Motorola, Inc |
|
13 / 16 page ![]() TL431, A, B Series 13 MOTOROLA ANALOG IC DEVICE DATA LP SUFFIX PLASTIC PACKAGE CASE 29–04 (TO–92) ISSUE AE P SUFFIX PLASTIC PACKAGE CASE 626–05 ISSUE K OUTLINE DIMENSIONS NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 14 5 8 F NOTE 2 –A– –B– –T– SEATING PLANE H J G D K N C L M M A M 0.13 (0.005) B M T DIM MIN MAX MIN MAX INCHES MILLIMETERS A 9.40 10.16 0.370 0.400 B 6.10 6.60 0.240 0.260 C 3.94 4.45 0.155 0.175 D 0.38 0.51 0.015 0.020 F 1.02 1.78 0.040 0.070 G 2.54 BSC 0.100 BSC H 0.76 1.27 0.030 0.050 J 0.20 0.30 0.008 0.012 K 2.92 3.43 0.115 0.135 L 7.62 BSC 0.300 BSC M ––– 10 ––– 10 N 0.76 1.01 0.030 0.040 __ NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. CONTOUR OF PACKAGE BEYOND DIMENSION R IS UNCONTROLLED. 4. DIMENSION F APPLIES BETWEEN P AND L. DIMENSION D AND J APPLY BETWEEN L AND K MINIMUM. LEAD DIMENSION IS UNCONTROLLED IN P AND BEYOND DIMENSION K MINIMUM. R A P J L F B K G H SECTION X–X C V D N N XX SEATING PLANE DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.175 0.205 4.45 5.20 B 0.170 0.210 4.32 5.33 C 0.125 0.165 3.18 4.19 D 0.016 0.022 0.41 0.55 F 0.016 0.019 0.41 0.48 G 0.045 0.055 1.15 1.39 H 0.095 0.105 2.42 2.66 J 0.015 0.020 0.39 0.50 K 0.500 ––– 12.70 ––– L 0.250 ––– 6.35 ––– N 0.080 0.105 2.04 2.66 P ––– 0.100 ––– 2.54 R 0.115 ––– 2.93 ––– V 0.135 ––– 3.43 ––– 1 |