công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

0154010. bảng dữ liệu(PDF) 2 Page - Littelfuse

tên linh kiện 0154010.
Giải thích chi tiết về linh kiện  154/154T/154L/154TL Series OMNI-BLOK Fuse and Holder Assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0154010. bảng dữ liệu(HTML) 2 Page - Littelfuse

  0154010. Datasheet HTML 1Page - Littelfuse 0154010. Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
94
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
154 Series
NANO2® > 154 OMNI-BLOK® Fuse and Holder Combination
Please refer to www.littelfuse.com/series/154.html
or /154T.html for current information.
LF
7 A
3.81
(.150")
2.13
(.084")
REF.
10.62
(.418")
4.24
(.167")
9.73
(.383") REF.
3.81
(.150")
5.03
(.198")
FUSE
Recommended Pad Layout
Dimensions
Packaging
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
Reel Pack
EIA RS–481–2 (IEC 286, part 3)
1500
DR
Soldering Parameters
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP
Part Numbering System
0154 001. D R T L
SERIES
AMP Code
QUANTITY Code
PACKAGING Code
Refer to Ordering information
section on previous page.
D = 1500 pcs
R = Tape and Reel
Example:
1.5 amp Fast-acting
product is 015401.5DR.
1.5 amp Time-lag product
is 015401.5DRT.
(1 amp product shown
above).
TYPE Code
“L” suffix for
Black Color Holder
T = Time-Lag (Slo-Blo®)
Reflow Condition
Pb – Free assembly
Pre Heat
- Temperature Min (T
s(min))
- Temperature Max (T
s(max))
- Time (Min to Max) (t
s)
60 – 120 seconds
Average Ramp-up Rate (Liquidus Temp
(T
L) to peak)
T
S(max) to TL - Ramp-up Rate
Reflow
- Temperature (T
L) (Liquidus)
- Temperature (t
L)
60 – 90 seconds
Peak Temperature (T
P)
250
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
Time 25°C to peak Temperature (T
P)
8 minutes max.
Do not exceed
Product Characteristics
Operating
Temperature
-55ºC to 125ºC



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com