| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L16B06L-R24-R bảng dữ liệu(PDF) 11 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
L16B06L-R24-R bảng dữ liệu(HTML) 11 Page - Unisonic Technologies |
|
11 / 13 page ![]() L16B06 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 11 of 13 www.unisonic.com.tw QW-R502-A45.a OUTPUTS DELAY Large in-rush currents will occur when the system activates all the outputs at once. To reduce this effect, L16B06 is designed to have a constant unit of delay (around 5ns) between outputs. The delay sequence for every output goes like this: OUT0 (no delay) → OUT15 → OUT1 → OUT14 → OUT2 → OUT13 → OUT3 → OUT12 → OUT4 → OUT11 → OUT5 → OUT10 → OUT6 → OUT9 → OUT7 → OUT8 (the largest delay). GLOBAL BRIGHTNESS CONTROL L16B06 has no built-in global brightness control feature. In order to obtain a lower resolution of global brightness control effect, two methods could be utilized. One is providing PWM signal synchronized on latch pulse to modulate the output enable terminal ( EN pin). The other is to adjust the RREXT value or voltage drop across the external resistor. Please see the reference circuit below: |