công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THS4052CDR bảng dữ liệu(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
tên linh kiện THS4052CDR
Giải thích chi tiết về linh kiện  70 MHz High Speed AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4052CDR bảng dữ liệu(HTML) 15 Page - National Semiconductor (TI)

Back Button THS4052CDR Datasheet HTML 11Page - National Semiconductor (TI) THS4052CDR Datasheet HTML 12Page - National Semiconductor (TI) THS4052CDR Datasheet HTML 13Page - National Semiconductor (TI) THS4052CDR Datasheet HTML 14Page - National Semiconductor (TI) THS4052CDR Datasheet HTML 15Page - National Semiconductor (TI) THS4052CDR Datasheet HTML 16Page - National Semiconductor (TI) THS4052CDR Datasheet HTML 17Page - National Semiconductor (TI) THS4052CDR Datasheet HTML 18Page - National Semiconductor (TI) THS4052CDR Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
THS4051
THS4052
SLOS238D − MAY 1999 − REVISED AUGUST 2008
www.ti.com
15
APPLICATION INFORMATION
NOISE CALCULATIONS AND NOISE FIGURE (CONTINUED)
RS
eRs
en
IN+
IN−
eni
Figure 43. Noise Model
The total equivalent input noise density (eni) is calculated by using the following equation:
e
ni +
en
2
) IN )
R
S
2
) IN–
R
F ø
R
G
2
) 4kTRs ) 4kT R
F ø
R
G
Where:
k = Boltzmann’s constant = 1.380658
× 10−23
T = Temperature in degrees Kelvin (273 +
°C)
RF || RG = Parallel resistance of RF and RG
To get the equivalent output noise of the amplifier, just multiply the equivalent input noise density (eni) by the overall amplifier
gain (AV).
eno + eni AV + eni 1 )
R
F
R
G
(noninverting case)
As the previous equations show, to keep noise at a minimum, small value resistors should be used. As the closed-loop gain
is increased (by reducing RG), the input noise is reduced considerably because of the parallel resistance term. This leads
to the general conclusion that the most dominant noise sources are the source resistor (RS) and the internal amplifier noise
voltage (en). Because noise is summed in a root-mean-squares method, noise sources smaller than 25% of the largest
noise source can be effectively ignored. This can greatly simplify the formula and make noise calculations much easier to
calculate.
For more information on noise analysis, please refer to the Noise Analysis section in Operational Amplifier Circuits
Applications Report (literature number SLVA043).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com