| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
THS4051CD bảng dữ liệu(PDF) 14 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
THS4051CD bảng dữ liệu(HTML) 14 Page - National Semiconductor (TI) |
|
14 / 36 page ![]() THS4051 THS4052 SLOS238D − MAY 1999 − REVISED AUGUST 2008 www.ti.com 14 APPLICATION INFORMATION THEORY OF OPERATION The THS405x is a high-speed operational amplifier configured in a voltage feedback architecture. It is built using a 30-V, dielectrically isolated, complementary bipolar process with NPN and PNP transistors possessing fTs of several GHz. This results in an exceptionally high performance amplifier that has a wide bandwidth, high slew rate, fast settling time, and low distortion. A simplified schematic is shown in Figure 42. IN − (2) IN + (3) NULL (1) NULL (8) (6) OUT (4) VCC − (7) VCC + Figure 42. THS405x Simplified Schematic NOISE CALCULATIONS AND NOISE FIGURE Noise can cause errors on very small signals. This is especially true when amplifying small signals, where signal-to-noise ratio (SNR) is very important. The noise model for the THS405x is shown in Figure 43. This model includes all of the noise sources as follows: • e n = Amplifier internal voltage noise (nV/√Hz) • IN+ = Noninverting current noise (pA/√Hz) • IN− = Inverting current noise (pA/√Hz) • e Rx = Thermal voltage noise associated with each resistor (eRx = 4 kTRx ) |