| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
THS4041CD bảng dữ liệu(PDF) 24 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
THS4041CD bảng dữ liệu(HTML) 24 Page - National Semiconductor (TI) |
|
24 / 34 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 21-Mar-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples THS4041CD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 4041C THS4041CDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 4041C THS4041CDGNR ACTIVE MSOP- PowerPAD DGN 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ACO THS4041CDGNRG4 ACTIVE MSOP- PowerPAD DGN 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ACO THS4041CDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 4041C THS4041CDRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 4041C THS4041ID ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 4041I THS4041IDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 4041I THS4041IDGN OBSOLETE MSOP- PowerPAD DGN 8 TBD Call TI Call TI -40 to 85 ACP THS4041IDGNG4 OBSOLETE MSOP- PowerPAD DGN 8 TBD Call TI Call TI -40 to 85 THS4041IDGNR ACTIVE MSOP- PowerPAD DGN 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 ACP THS4041IDGNRG4 ACTIVE MSOP- PowerPAD DGN 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 ACP THS4042CD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 4042C THS4042CDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 4042C THS4042CDGN ACTIVE MSOP- PowerPAD DGN 8 80 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM ACC THS4042CDGNG4 ACTIVE MSOP- PowerPAD DGN 8 80 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM ACC THS4042CDGNR ACTIVE MSOP- PowerPAD DGN 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM ACC |