công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPA832IDBVT bảng dữ liệu(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
tên linh kiện OPA832IDBVT
Giải thích chi tiết về linh kiện  Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA832IDBVT bảng dữ liệu(HTML) 14 Page - National Semiconductor (TI)

Back Button OPA832IDBVT Datasheet HTML 10Page - National Semiconductor (TI) OPA832IDBVT Datasheet HTML 11Page - National Semiconductor (TI) OPA832IDBVT Datasheet HTML 12Page - National Semiconductor (TI) OPA832IDBVT Datasheet HTML 13Page - National Semiconductor (TI) OPA832IDBVT Datasheet HTML 14Page - National Semiconductor (TI) OPA832IDBVT Datasheet HTML 15Page - National Semiconductor (TI) OPA832IDBVT Datasheet HTML 16Page - National Semiconductor (TI) OPA832IDBVT Datasheet HTML 17Page - National Semiconductor (TI) OPA832IDBVT Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
OPA832
SBOS266E − JUNE 2003 − REVISED AUGUST 2008
www.ti.com
14
APPLICATIONS INFORMATION
WIDEBAND VOLTAGE-FEEDBACK
OPERATION
The OPA832 is a fixed-gain, high-speed, voltage-
feedback op amp designed for single-supply operation
(+3V to +10V). It features internal RF and RG resistors
which make it easy to select a gain of +2, +1, and −1
without external resistors.The input stage supports in-
put voltages below ground and to within 1.7V of the pos-
itive supply. The complementary common-emitter out-
put stage provides an output swing to within 25mV of
either supply pin. The OPA832 is compensated to pro-
vide stable operation with a wide range of resistive
loads.
Figure 1 shows the AC-coupled, gain of +2 configura-
tion used for the +5V Specifications and Typical Char-
acteristic Curves. The input impedance matching resis-
tor (66.5
Ω) used for testing is adjusted to give a 50Ω
input match when the parallel combination of the bias-
ing divider network is included. Voltage swings reported
in the Electrical Characteristics are taken directly at the
input and output pins. For the circuit of Figure 1, the to-
tal effective load on the output at high frequencies is
150
Ω || 800Ω. The 332Ω and 499Ω resistors at the non-
inverting input provide the common-mode bias voltage.
Their parallel combination equals the DC resistance at
the inverting input (RF RG), reducing the DC output
offset due to input bias current.
OPA832
V
S =+5V
V
OUT
66.5
Ω
V
IN
499
Ω
VCM =2V
332
Ω
R
L
150
Ω
V
CM =2V
V
CM =2V
6.8
µF
+
0.1
µF
0.1
µF
R
F
400
Ω
R
G
400
Ω
Figure 1. AC-Coupled, G = +2, +5V Single-Supply
Specification and Test Circuit
Figure 2 shows the AC-coupled, gain of +2 configura-
tion used for the +3.3V Specifications and Typical Char-
acteristic Curves. The input impedance matching resis-
tor (66.5
Ω) used for testing is adjusted to give a 50Ω
input match when the parallel combination of the bias-
ing divider network is included. Voltage swings reported
in the Electrical Characteristics are taken directly at the
input and output pins. For the circuit of Figure 2, the to-
tal effective load on the output at high frequencies is
150
Ω || 800Ω. The 887Ω and 258Ω resistors at the non-
inverting input provide the common-mode bias voltage.
Their parallel combination equals the DC resistance at
the inverting input (RF RG), reducing the DC output
offset due to input bias current.
OPA832
V
S = +3.3V
VOUT
66.5
Ω
V
IN
887
Ω
V
CM = 0.75V
258
Ω
R
L
150
Ω
V
CM =0.75V
V
CM =0.75V
6.8
µF
+
0.1
µF
0.1
µF
R
F
400
Ω
R
G
400
Ω
Figure 2. AC-Coupled, G = +2, +3.3V
Single-Supply Specification and Test Circuit
Figure 3 shows the DC-coupled, gain of +2, dual power-
supply circuit configuration used as the basis of the
±5V
Electrical Characteristics and Typical Characteristics.
For test purposes, the input impedance is set to 50
Ω
with a resistor to ground and the output impedance is
set to 150
Ω with a series output resistor. Voltage swings
reported in the specifications are taken directly at the in-
put and output pins. For the circuit of Figure 3, the total
effective load will be 150
Ω || 800Ω. Two optional compo-
nents are included in Figure 3. An additional resistor
(175
Ω) is included in series with the noninverting input.
Combined with the 25
Ω DC source resistance looking
back towards the signal generator, this gives an input
bias current cancelling resistance that matches the
200
Ω source resistance seen at the inverting input (see
the DC Accuracy and Offset Control section). In addi-
tion to the usual power-supply decoupling capacitors to
ground, a 0.01
µF capacitor is included between the two
power-supply pins. In practical PC board layouts, this
optional capacitor will typically improve the 2nd-har-
monic distortion performance by 3dB to 6dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com