| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RL1C bảng dữ liệu(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RL1C bảng dữ liệu(HTML) 19 Page - Renesas Technology Corp |
|
19 / 56 page ![]() RL78 Family Chapter 3 EEL Functional Specifications EEPROM Emulation Library Pack02 R01US0068EJ0100 Rev.1.00 Page 19 of 53 Mar. 28, 2014 3.2 State Transitions To use EEPROM emulation from a user-created program, it is necessary to initialize the EEL and execute functions that perform operations such as reading and writing on EEL blocks. Figure 3-1 shows the overall state transitions, and Figure 3-2 shows an operation flow for using basic features. When using EEPROM emulation, incorporate EEPROM emulation into user-created programs by following this flow. Figure 3-1 State transitions diagram FDL_Init() ↓ FDL_Open() ↓ EEL_Init() closed FDL_Close() EEL_Open() EEL_Close() opened Format executing busy Startup executing busy EEL_CMD_FORMAT EEL_CMD_STARTUP status:OK status:ERROR started status:OK ERROR Verify EEL_CMD_FORMAT EEPROM command executing busy EEL_CMD_WRITE EEL_CMD_READ EEL_CMD_REFRESH EEL_CMD_VERIFY status:OK status:ERROR EEL_CMD_SHUTDOWN status:ERROR EEL_CMD_STARTUP Reset or Power ON uninitialized exhausted EEPROM command executing busy EEL_CMD_READ EEL_CMD_VERIFY status:OK status:ERROR status: ERROR POOL_EXHAUSTED status: ERROR POOL_EXHAUSTED EEL_CMD_SHUTDOWN Note 1: EEL_Close and EEL_Init can be called from every state. Please note however, that this interrupts any EEL processing and can lead to unpredictable behavior. Note 2: Once the EEL_CMD_FORMAT command is started, be sure to finish it. |