| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L13 bảng dữ liệu(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
L13 bảng dữ liệu(HTML) 10 Page - Renesas Technology Corp |
|
10 / 42 page ![]() QB-RL78L1C In-Circuit Emulator CHAPTER 1 GENERAL R20UT2703EJ0200 Rev.2.00 Page 10 of 42 Jan 31, 2014 (1) TCN1, TCN2, TCN3 These are connectors for connecting a check pin adapter or emulation probe. (2) OSC1 This is a socket for mounting the oscillator. (3) CN6, TCN4 These are connectors for the shipment inspection. User does not need to use these connectors. (4) POWER (Red LED) This is an LED that shows whether the power supply of the QB-RL78L1C is switched on. LED State QB-RL78L1C State Lit Power switch ON Not lit Power switch OFF or AC adapter not connected to QB-RL78L1C Blinking Internal error occurred (Contact an Renesas Electronics sales representative or distributor) (5) TARGET (Green LED) This is an LED that shows whether the power supply of the target system is switched on. LED State Target System State Lit Target system power supply ON Not lit Target system power supply OFF or target system not connected (6) Power switch This is the power switch of the QB-RL78L1C. It is OFF at shipment. (7) Cooling fun This is the cooling fun of the QB-RL78L1C. It works when the power supply of the QB-RL78L1C is switched on. |