| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TFC563D bảng dữ liệu(PDF) 3 Page - Sanken electric |
|
|
|||||||||||||||||||||||||||||
TFC563D bảng dữ liệu(HTML) 3 Page - Sanken electric |
|
3 / 3 page ![]() 180 Thyristors Package Type (Dimensions) 20.2 b a ±0.2 2.54 17.78±0.25 C1.5±0.5 1.0±0.25 0.5 1 35 7 6 4 2 18 23 4 5 6 7 8 T1 GT2 TR1 TR2 TR3 GT2 GT2 T1 ±0.15 40±0.2±0.2 a: Part Number b: Lot No. Thy1 1234156789 10 11 Thy2 Thy3 Thy4 a: Part Number b: Lot No. 1 G 2 K 3 A 4 G 5 K 6 A 7 G 8 K 9 A 10 G 11 K 12 A a b 31.5max 0.85 3.2±0.15 31.0±0.2 Ellipse 3.2±0.15×3.8 11×P2.54±0.7=27.94±0.1 24.4±0.2 16.4±0.2 0.55 2.2 ±0.7 Pin 1 12 1.2±0.15 1.45±0.15 +0.2 −0.1 +0.2 −0.1 4.8±0.2 1.7±0.1 φ • TO-220 4.2±0.2 10.0±0.2 1.35±0.15 1.35±0.15 2.4 2.54 2.54 ±0.2 2.2 (1)(2)(3) ±0.2 2.8 0.5 C 3.3 a b φ ±0.2 0.85 +0.2 −0.1 0.45 +0.2 −0.1 a: Part Number b: Lot No. ±0.2 (Unit: mm) 15.6±0.3 13.6±0.2 5.45±0.1 5.45±0.1 9.6 a b ±0.2 4.8±0.2 2.0±0.1 2 +0.2 −0.1 3 +0.2 −0.1 1.05 +0.2 −0.1 0.65 +0.2 −0.1 1.7 +0.2 −0.1 (1) (2) (3) a: Part Number b: Lot No. 15.6±0.2 5.45±0.1 3.35±0.2 3.45±0.2 5.5±0.2 3.2±0.2 2.15 5.45±0.1 1.5 4.4 1.5 (Measured at the root) (Measured at the root) (Measured at the root) –0.1 +0.2 1.05 –0.1 +0.2 0.65 –0.1 +0.2 1.75 a b –0.1 +0.2 (1) (2) (3) a: Part Number b: Lot No. • TO-3P • TO-3PF • TO-220S Straight • STA8Pin • SLA12Pin • TO-220F-A • TO-220F 9.9 (8.7) ±0.3 4.5±0.2 1.3±0.2 2.4±0.2 0.5 ±0.15 −0.1 2.54±0.2 10±0.2 3.6 φ ±0.2 (1) (2) (3) (1) (2) (3) 10.16±0.3 0.8±0.1 2.54±0.2 4.7±0.2 2.54±0.2 2.76±0.2 0.5±0.1 3.2 φ ±0.2 Pin No. (1) (2) (3) Cathode (T1) Anode (T2) Gate (G) ( ): Triacs (1) (2) (3) Terminal 1 (T1) Terminal 2 (T2) Gate (G) 2.6±0.2 0.4±0.1 0.76±0.1 0.86 +0.2 -0.1 1.34 +0.2 -0.1 1.3±0.2 (5) 4.44±0.2 10.2±0.3 2 13 (Measured at the root) 2.54±0.1 (Measured at the root) 2.54±0.1 (Measured at the root) |