công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6747ATR bảng dữ liệu(PDF) 7 Page - STMicroelectronics

tên linh kiện L6747ATR
Giải thích chi tiết về linh kiện  High current MOSFET driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6747ATR bảng dữ liệu(HTML) 7 Page - STMicroelectronics

Back Button L6747ATR Datasheet HTML 3Page - STMicroelectronics L6747ATR Datasheet HTML 4Page - STMicroelectronics L6747ATR Datasheet HTML 5Page - STMicroelectronics L6747ATR Datasheet HTML 6Page - STMicroelectronics L6747ATR Datasheet HTML 7Page - STMicroelectronics L6747ATR Datasheet HTML 8Page - STMicroelectronics L6747ATR Datasheet HTML 9Page - STMicroelectronics L6747ATR Datasheet HTML 10Page - STMicroelectronics L6747ATR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
L6747A
Electrical specifications
Doc ID 17126 Rev 1
7/15
PWM and EN input
PWM
Input high - VPWM_IH
PWM rising
2
V
Input low - VPWM_IL
PWM falling
0.8
V
Input leakage
PWM = GND
-5
5
μA
tHiZ
HiZ hold-off time
See Figure 4
120
ns
tprop_L
Propagation delays
See Figure 4
25
35
ns
tprop_H
30
45
ns
EN
Input high - VEN_IH
EN rising
2
V
Input low - VEN_IH
EN falling
0.8
V
Gate drivers
RHIHS
HS source resistance
BOOT - PHASE = 12V; 100mA
1.4
2.0
Ω
IUGATE
HS source current (1)
BOOT - PHASE = 12V;
CUGATE to PHASE = 3.3nF
3.5
A
RLOHS
HS sink resistance
BOOT - PHASE = 12V; 100mA
1.0
1.5
Ω
RHILS
LS source resistance
100mA
1.4
2.0
Ω
ILGATE
LS source current (1)
CLGATE to GND = 5.6nF
3.5
A
RLOLS
LS sink resistance
100mA
1.0
1.5
Ω
Protections
VPRE_OV
Pre-OV threshold
PHASE rising
1.7
1.8
V
1.
Parameter(s) guaranteed by design, not fully tested in production
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15