| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RX100 bảng dữ liệu(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RX100 bảng dữ liệu(HTML) 32 Page - Renesas Technology Corp |
|
32 / 71 page ![]() Renesas Flash Programmer V2.04 CHAPTER 2 FUNCTION DETAILS (BASIC MODE) R20UT2908EJ0100 Rev. 1.00 Page 32 of 71 Mar. 31, 2014 2.3 Main Window The main window consists of the following items: Figure 2-21. Main Window Name Description See <1> Menu bar Displays the selectable menus 2.4 <2> [Microcontroller] area Displays the selected target microcontroller 2.5 <3> [Program File] area Displays the selected program file 2.6 <4> [Command] area Displays the selected command 2.7 <5> Start button Executes the selected command 2.8 <6> Status bar Displays the command execution status in colors and text 2.9 <7> Output panel Displays in detail what is executed by the command 2.10 <8> [Clear Output Panel] button Clears the output panel display 2.11 <7> Output panel <1> Menu bar <6> Status bar <5> Start button <3> [Program File] area <2> [Microcontroller] area <4> [Command] area <8> [Clear Output Panel] button |