công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F110MH bảng dữ liệu(PDF) 45 Page - Renesas Technology Corp

tên linh kiện R5F110MH
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MH bảng dữ liệu(HTML) 45 Page - Renesas Technology Corp

Back Button R5F110MH Datasheet HTML 41Page - Renesas Technology Corp R5F110MH Datasheet HTML 42Page - Renesas Technology Corp R5F110MH Datasheet HTML 43Page - Renesas Technology Corp R5F110MH Datasheet HTML 44Page - Renesas Technology Corp R5F110MH Datasheet HTML 45Page - Renesas Technology Corp R5F110MH Datasheet HTML 46Page - Renesas Technology Corp R5F110MH Datasheet HTML 47Page - Renesas Technology Corp R5F110MH Datasheet HTML 48Page - Renesas Technology Corp R5F110MH Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 45 of 149
Feb 21, 2014
Note 1.
When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The SIp setup time becomes “to SCKp
↓” when
DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
Note 2.
When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The SIp hold time becomes “from SCKp
↓” when
DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
Note 3.
When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The delay time to SOp output becomes “from
SCKp
↑” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
Note 4.
C is the load capacitance of the SCKp and SOp output lines.
Caution
Select the normal input buffer for the SIp pin and the normal output mode for the SOp pin and SCKp pin by using
port input mode register g (PIMg) and port output mode register g (POMg).
Remark 1. p: CSI number (p = 00), m: Unit number (m = 0), n: Channel number (n = 0), g: PIM number (g = 2)
Remark 2.
fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number,
n: Channel number (mn = 00))
(2)
During communication at same potential (CSI mode) (master mode, SCKp... internal clock output,
corresponding CSI00 only)
(TA = -40 to +85 °C, 2.7 V VDD 3.6 V, VSS = 0 V)
Parameter
Symbol
Conditions
HS (high-speed main)
Mode
LS (low-speed main)
Mode
LV (low-voltage main)
Mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
SCKp cycle time
tKCY1
tKCY1
 fCLK/2
2.7 V
VDD 3.6 V
167
250
500
ns
SCKp high-/
low-level width
tKL1
2.7 V
VDD 3.6 V
tKCY1/2 - 10
tKCY1/2 - 50
tKCY1/2 - 50
ns
SIp setup time
(to SCKp
↑) Note 1
tSIK1
2.7 V
VDD 3.6 V
33
110
110
ns
SIp hold time
(from SCKp
↑) Note 2
tKSI1
2.7 V
VDD 3.6 V
10
10
10
ns
Delay time from
SCKp
↓ to SOp
output Note 3
tKSO1
C = 20 pF Note 4
10
10
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com