| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RL78L1C bảng dữ liệu(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RL78L1C bảng dữ liệu(HTML) 49 Page - Renesas Technology Corp |
|
49 / 153 page ![]() RL78/L1C 2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C) R01DS0192EJ0200 Rev. 2.00 Page 49 of 149 Feb 21, 2014 CSI mode serial transfer timing (during communication at same potential) (When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1.) CSI mode serial transfer timing (during communication at same potential) (When DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.) Remark 1. p: CSI number (p = 00, 10, 20, 30) Remark 2. m: Unit number, n: Channel number (mn = 00 to 03, 10 to 13) SIp SOp tKCY1, 2 Input data Output data SCKp tKL1, 2 tKH1, 2 tSIK1, 2 tKSI1, 2 tKSO1, 2 Input data Output data tKCY1, 2 tKH1, 2 tSIK1, 2 tKSI1, 2 tKSO1, 2 SIp SOp SCKp tKL1, 2 |