| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RL78G13 bảng dữ liệu(PDF) 29 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RL78G13 bảng dữ liệu(HTML) 29 Page - Renesas Technology Corp |
|
29 / 46 page ![]() RL78/G13 Serial Array Unit (UART Communication) R01AN0459EJ0200 Rev. 2.00 Page 29 of 43 2014.03.24 5.7.7 Main Function Figures 5.10 and 5.11 show the flowchart for the main function. Figure 5.10 Main Function (1/2) main() R_UART0_Receive() R_UART0_Start() 5 No Yes 3 4 No Yes No Yes R_UART0_Send() No Yes No Yes R_UART0_Send() UART0 reception status initialization function UART0 operation start function Move to HALT mode Disable reception interrupt Reception error detected? Framing error? UART0 data transmission function Transmission completed? Parity error? UART0 data transmission function Transmission completed? SRMK0 bit 1 SREMK0 bit 1 Specify the UART0 receive buffer and the number of pieces of data (1) |