công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2N60L-E-K08-5060-R bảng dữ liệu(PDF) 3 Page - Unisonic Technologies

tên linh kiện 2N60L-E-K08-5060-R
Giải thích chi tiết về linh kiện  2A, 600V N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UTC [Unisonic Technologies]
Trang chủ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N60L-E-K08-5060-R bảng dữ liệu(HTML) 3 Page - Unisonic Technologies

  2N60L-E-K08-5060-R Datasheet HTML 1Page - Unisonic Technologies 2N60L-E-K08-5060-R Datasheet HTML 2Page - Unisonic Technologies 2N60L-E-K08-5060-R Datasheet HTML 3Page - Unisonic Technologies 2N60L-E-K08-5060-R Datasheet HTML 4Page - Unisonic Technologies 2N60L-E-K08-5060-R Datasheet HTML 5Page - Unisonic Technologies 2N60L-E-K08-5060-R Datasheet HTML 6Page - Unisonic Technologies 2N60L-E-K08-5060-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-053.W
ABSOLUTE MAXIMUM RATINGS (TC = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
2.0
A
Drain Current
Continuous
ID
2.0
A
Pulsed (Note 2)
IDM
8.0
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
140
mJ
Repetitive (Note 2)
EAR
4.5
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
Power Dissipation
(
TC = 25°С)
TO-220/ TO-262
PD
54
W
TO-220F/TO-220F1
TO-220F3
23
W
TO-251/TO-251L
TO-251S/TO-252
TO-252D
44
W
TO-126/TO-126C
40
W
DFN-8(5×6)
22
W
Junction Temperature
TJ
+150
°С
Operating Temperature
TOPR
-55 ~ +150
°С
Storage Temperature
TSTG
-55 ~ +150
°С
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by TJ.
3. L=64mH, IAS=2.0A, VDD=50V, RG=25 Ω, Starting TJ = 25°C
4. ISD≤2.4A, di/dt≤200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
PACKAGE
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/TO-220F
TO-220F1/TO-220F3
TO-262
θJA
62.5
°С/W
TO-251/TO-251L
TO-251S/TO-252
TO-252D
100
°С/W
TO-126/TO-126C
89
°С/W
DFN-8(5×6)
75
°С/W
Junction to Case
TO-220/ TO-262
θJC
2.32
°С/W
TO-220F/TO-220F1
TO-220F3
5.5
°С/W
TO-251/TO-251L
TO-251S/TO-252
TO-252D
2.87
°С/W
TO-126/TO-126C
3.12
°С/W
DFN-8(5×6)
5.6
°С/W



Html Pages

1 2 3 4 5 6 7