công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSMLG110A bảng dữ liệu(PDF) 3 Page - Microsemi Corporation

tên linh kiện MSMLG110A
Giải thích chi tiết về linh kiện  MSMLJ5.0A thru MSMLJ170CA, e3 and MSMLG5.0A thru MSMLG170CA, e3
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSMLG110A bảng dữ liệu(HTML) 3 Page - Microsemi Corporation

  MSMLG110A Datasheet HTML 1Page - Microsemi Corporation MSMLG110A Datasheet HTML 2Page - Microsemi Corporation MSMLG110A Datasheet HTML 3Page - Microsemi Corporation MSMLG110A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
Gort Road Business Park, Ennis, Co. Clare, Ireland.
6 Lake Street, Lawrence, MA 01841
Tel: +353 (0) 65 6840044, Fax: +353 (0) 65 6822298
Tel: 1-800-446-1158 / (978) 794-1666, Fax: (978) 6890803
Website: http://www.microsemi.com
___________________________________________________________________________________________________________________________________
ELECTRICAL CHARACTERISTICS @ 25oC
MICROSEMI PART NUMBER
REVERSE
STAND-OFF
VOLTAGE
VWM
BREAKDOWN VOLTAGE
VBR @ IBR
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
PEAK PULSE
CURRENT
(see Fig. 2)
IPP
MAXIMUM
STANDBY
CURRENT
ID @ VWM
GULL-WING
J- BEND
V
V
mA
V
A
μA
MSMLG5.0A
MSMLG6.0A
MSMLJ5.0A
MSMLJ6.0A
5.0
6.0
6.40 – 7.00
6.67 – 7.37
10
10
9.2
10.3
326.0
291.3
1000
1000
MSMLG6.5A
MSMLG7.0A
MSMLJ6.5A
MSMLJ7.0A
6.5
7.0
7.22 – 7.98
7.78 – 8.60
10
10
11.2
12.0
267.9
250.0
500
200
MSMLG7.5A
MSMLG8.0A
MSMLJ7.5A
MSMLJ8.0A
7.5
8.0
8.33 – 9.21
8.89 – 9.83
1
1
12.9
13.6
232.6
220.6
100
50
MSMLG8.5A
MSMLG9.0A
MSMLJ8.5A
MSMLJ9.0A
8.5
9.0
9.44 – 10.4
10.0 – 11.1
1
1
14.4
15.4
208.4
194.8
25
10
MSMLG10A
MSMLG11A
MSMLJ10A
MSMLJ11A
10
11
11.1 – 12.3
12.2 – 13.5
1
1
17.0
18.2
176.4
164.8
5
5
MSMLG12A
MSMLG13A
MSMLJ12A
MSMLJ13A
12
13
13.3 – 14.7
14.4 – 15.9
1
1
19.9
21.5
150.6
139.4
5
5
MSMLG14A
MSMLG15A
MSMLJ14A
MSMLJ15A
14
15
15.6 – 17.2
16.7 – 18.5
1
1
23.2
24.4
129.4
123.0
2
2
MSMLG16A
MSMLG17A
MSMLJ16A
MSMLJ17A
16
17
17.8 – 19.7
18.9 – 20.9
1
1
26.0
27.6
115.4
106.6
2
2
MSMLG18A
MSMLG20A
MSMLJ18A
MSMLJ20A
18
20
20.0 – 22.1
22.2 – 24.5
1
1
29.2
32.4
102.8
92.6
2
2
MSMLG22A
MSMLG24A
MSMLJ22A
MSMLJ24A
22
24
24.4 – 26.9
26.7 – 29.5
1
1
35.5
38.9
84.4
77.2
2
2
MSMLG26A
MSMLG28A
MSMLJ26A
MSMLJ28A
26
28
28.9 – 31.9
31.1 – 34.4
1
1
42.1
45.4
71.2
66.0
2
2
MSMLG30A
MSMLG33A
MSMLJ30A
MSMLJ33A
30
33
33.3 – 36.8
36.7 – 40.6
1
1
48.4
53.3
62.0
56.2
2
2
MSMLG36A
MSMLG40A
MSMLJ36A
MSMLJ40A
36
40
40.0 – 44.2
44.4 – 49.1
1
1
58.1
64.5
51.6
46.4
2
2
MSMLG43A
MSMLG45A
MSMLJ43A
MSMLJ45A
43
45
47.8 – 52.8
50.0 – 55.3
1
1
69.4
72.7
43.2
41.2
2
2
MSMLG48A
MSMLG51A
MSMLJ48A
MSMLJ51A
48
51
53.3 – 58.9
56.7 – 62.7
1
1
77.4
82.4
38.8
36.4
2
2
MSMLG54A
MSMLG58A
MSMLJ54A
MSMLJ58A
54
58
60.0 – 66.3
64.4 – 71.2
1
1
87.1
93.6
34.4
32.0
2
2
MSMLG60A
MSMLG64A
MSMLJ60A
MSMLJ64A
60
64
66.7 – 73.7
71.1 – 78.6
1
1
96.8
103.0
31.0
29.2
2
2
MSMLG70A
MSMLG75A
MSMLJ70A
MSMLJ75A
70
75
77.8 – 86.0
83.3 – 92.1
1
1
113
121
26.6
24.8
2
2
MSMLG78A
MSMLG85A
MSMLJ78A
MSMLJ85A
78
85
86.7 – 95.8
94.4 – 104.0
1
1
126
137
22.8
20.8
2
2
MSMLG90A
MSMLG100A
MSMLJ90A
MSMLJ100A
90
100
100 – 111
111 – 123
1
1
146
162
20.6
18.6
2
2
MSMLG110A
MSMLG120A
MSMLJ110A
MSMLJ120A
110
120
122 – 135
133 – 147
1
1
177
193
16.8
15.6
2
2
MSMLG130A
MSMLG150A
MSMLJ130A
MSMLJ150A
130
150
144 – 159
167 – 185
1
1
209
243
14.4
12.4
2
2
MSMLG160A
MSMLG170A
MSMLJ160A
MSMLJ170A
160
170
178 – 197
189 – 209
1
1
259
275
11.6
11.0
2
2
NOTE 1:
For Bidirectional device types indicate a CA suffix after the part number (i.e. MSMLG170CA). Bidirectional
capacitance is half that shown in Figure 4 at zero volts.
NOTE 2:
Microsemi Corp’s SML series (3000W) surface mountable packages are designed specifically for transient voltage
suppression. The wide leads assure a large surface contact for good heat dissipation, and a low resistance path for
surge current flow to ground. These high-speed transient voltage suppressors can be used to effectively protect
sensitive components such as integrated circuits and MOS devices.
RF01003 Rev B, Sept 2011
High Reliability Product Group
Page 3 of 4



Html Pages

1 2 3 4