| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSMLG100A bảng dữ liệu(PDF) 3 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
MSMLG100A bảng dữ liệu(HTML) 3 Page - Microsemi Corporation |
|
3 / 4 page ![]() TECHNICAL DATA SHEET Gort Road Business Park, Ennis, Co. Clare, Ireland. 6 Lake Street, Lawrence, MA 01841 Tel: +353 (0) 65 6840044, Fax: +353 (0) 65 6822298 Tel: 1-800-446-1158 / (978) 794-1666, Fax: (978) 6890803 Website: http://www.microsemi.com ___________________________________________________________________________________________________________________________________ ELECTRICAL CHARACTERISTICS @ 25oC MICROSEMI PART NUMBER REVERSE STAND-OFF VOLTAGE VWM BREAKDOWN VOLTAGE VBR @ IBR MAXIMUM CLAMPING VOLTAGE VC @ IPP PEAK PULSE CURRENT (see Fig. 2) IPP MAXIMUM STANDBY CURRENT ID @ VWM GULL-WING J- BEND V V mA V A μA MSMLG5.0A MSMLG6.0A MSMLJ5.0A MSMLJ6.0A 5.0 6.0 6.40 – 7.00 6.67 – 7.37 10 10 9.2 10.3 326.0 291.3 1000 1000 MSMLG6.5A MSMLG7.0A MSMLJ6.5A MSMLJ7.0A 6.5 7.0 7.22 – 7.98 7.78 – 8.60 10 10 11.2 12.0 267.9 250.0 500 200 MSMLG7.5A MSMLG8.0A MSMLJ7.5A MSMLJ8.0A 7.5 8.0 8.33 – 9.21 8.89 – 9.83 1 1 12.9 13.6 232.6 220.6 100 50 MSMLG8.5A MSMLG9.0A MSMLJ8.5A MSMLJ9.0A 8.5 9.0 9.44 – 10.4 10.0 – 11.1 1 1 14.4 15.4 208.4 194.8 25 10 MSMLG10A MSMLG11A MSMLJ10A MSMLJ11A 10 11 11.1 – 12.3 12.2 – 13.5 1 1 17.0 18.2 176.4 164.8 5 5 MSMLG12A MSMLG13A MSMLJ12A MSMLJ13A 12 13 13.3 – 14.7 14.4 – 15.9 1 1 19.9 21.5 150.6 139.4 5 5 MSMLG14A MSMLG15A MSMLJ14A MSMLJ15A 14 15 15.6 – 17.2 16.7 – 18.5 1 1 23.2 24.4 129.4 123.0 2 2 MSMLG16A MSMLG17A MSMLJ16A MSMLJ17A 16 17 17.8 – 19.7 18.9 – 20.9 1 1 26.0 27.6 115.4 106.6 2 2 MSMLG18A MSMLG20A MSMLJ18A MSMLJ20A 18 20 20.0 – 22.1 22.2 – 24.5 1 1 29.2 32.4 102.8 92.6 2 2 MSMLG22A MSMLG24A MSMLJ22A MSMLJ24A 22 24 24.4 – 26.9 26.7 – 29.5 1 1 35.5 38.9 84.4 77.2 2 2 MSMLG26A MSMLG28A MSMLJ26A MSMLJ28A 26 28 28.9 – 31.9 31.1 – 34.4 1 1 42.1 45.4 71.2 66.0 2 2 MSMLG30A MSMLG33A MSMLJ30A MSMLJ33A 30 33 33.3 – 36.8 36.7 – 40.6 1 1 48.4 53.3 62.0 56.2 2 2 MSMLG36A MSMLG40A MSMLJ36A MSMLJ40A 36 40 40.0 – 44.2 44.4 – 49.1 1 1 58.1 64.5 51.6 46.4 2 2 MSMLG43A MSMLG45A MSMLJ43A MSMLJ45A 43 45 47.8 – 52.8 50.0 – 55.3 1 1 69.4 72.7 43.2 41.2 2 2 MSMLG48A MSMLG51A MSMLJ48A MSMLJ51A 48 51 53.3 – 58.9 56.7 – 62.7 1 1 77.4 82.4 38.8 36.4 2 2 MSMLG54A MSMLG58A MSMLJ54A MSMLJ58A 54 58 60.0 – 66.3 64.4 – 71.2 1 1 87.1 93.6 34.4 32.0 2 2 MSMLG60A MSMLG64A MSMLJ60A MSMLJ64A 60 64 66.7 – 73.7 71.1 – 78.6 1 1 96.8 103.0 31.0 29.2 2 2 MSMLG70A MSMLG75A MSMLJ70A MSMLJ75A 70 75 77.8 – 86.0 83.3 – 92.1 1 1 113 121 26.6 24.8 2 2 MSMLG78A MSMLG85A MSMLJ78A MSMLJ85A 78 85 86.7 – 95.8 94.4 – 104.0 1 1 126 137 22.8 20.8 2 2 MSMLG90A MSMLG100A MSMLJ90A MSMLJ100A 90 100 100 – 111 111 – 123 1 1 146 162 20.6 18.6 2 2 MSMLG110A MSMLG120A MSMLJ110A MSMLJ120A 110 120 122 – 135 133 – 147 1 1 177 193 16.8 15.6 2 2 MSMLG130A MSMLG150A MSMLJ130A MSMLJ150A 130 150 144 – 159 167 – 185 1 1 209 243 14.4 12.4 2 2 MSMLG160A MSMLG170A MSMLJ160A MSMLJ170A 160 170 178 – 197 189 – 209 1 1 259 275 11.6 11.0 2 2 NOTE 1: For Bidirectional device types indicate a CA suffix after the part number (i.e. MSMLG170CA). Bidirectional capacitance is half that shown in Figure 4 at zero volts. NOTE 2: Microsemi Corp’s SML series (3000W) surface mountable packages are designed specifically for transient voltage suppression. The wide leads assure a large surface contact for good heat dissipation, and a low resistance path for surge current flow to ground. These high-speed transient voltage suppressors can be used to effectively protect sensitive components such as integrated circuits and MOS devices. RF01003 Rev B, Sept 2011 High Reliability Product Group Page 3 of 4 |