| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P3500SCMC bảng dữ liệu(PDF) 3 Page - HuaXinAn Electronics CO.,LTD |
|
|
|||||||||||||||||||||||||||||
P3500SCMC bảng dữ liệu(HTML) 3 Page - HuaXinAn Electronics CO.,LTD |
|
3 / 5 page ![]() ShenZhen HuaXinAn Electronics Co.,Ltd (SIDACtor Protection Thyristors ) Surge Ratings Series Ipp 2x10µs Ipp 8x20µs Ipp 10x160µs Ipp 10x560µs Ipp 10x1000µs Ipp 5x320µs Ipp 5x310µs Ipp 10x360µs ITSM 50/60Hz di/dt Amps Amps Amps Amps Amps Amps Amps Amps Amps Amps/µs C 500 400 200 150 100 200 200 175 30 500 Thermal Considerations Package DO-214AA/SMB Symbol Parameter Value Unit TJ Operating Junction Temperature Range -40 to +150 °C TS Storage Temperature Range -65 to +150 °C RθJA Junction to Ambient on prited circuit 90 °C /W Description of Part Number P 0080 S C MC →(M icro Capacitance) Ipp Rating(10x1000µs) C=100A Package Type(DO-214AA) Median Voltage P=SIDACtor Protection Thyristor P0080SCMC(Marking:P008C) Fast delivery Time 3 Revised:February 25,2014 www.huaandz.com |