công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1658641-2 bảng dữ liệu(PDF) 49 Page - Tyco Electronics

tên linh kiện 1658641-2
Giải thích chi tiết về linh kiện  HDP-20 Crimp Snap-In Contact Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

1658641-2 bảng dữ liệu(HTML) 49 Page - Tyco Electronics

Back Button 1658641-2 Datasheet HTML 45Page - Tyco Electronics 1658641-2 Datasheet HTML 46Page - Tyco Electronics 1658641-2 Datasheet HTML 47Page - Tyco Electronics 1658641-2 Datasheet HTML 48Page - Tyco Electronics 1658641-2 Datasheet HTML 49Page - Tyco Electronics 1658641-2 Datasheet HTML 50Page - Tyco Electronics 1658641-2 Datasheet HTML 51Page - Tyco Electronics 1658641-2 Datasheet HTML 52Page - Tyco Electronics 1658641-2 Datasheet HTML 53Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
138
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Unshielded Cable Clamps (Continued)
Clam Shell
Straight/45° Exit
Straight/45° Exit Cable Clamps
can be used on either a plug
or receptacle and will not
interfere with commonly used
hardware, such as Male
Screw Retainers, Female
Screw-locks or Spring Latches
and Latching Blocks. Their
hinged construction allows
easy assembly to a harness.
Also, the straight or 45° angle
of the cable exit is achieved
by merely positioning the
Cable Support Gate for
the desired angle prior to
installing the assembly
onto the plug or receptacle.
Adjustable screws are used to
tighten cable strain reliefs.
Cable Clamp assemblies
are available in kits with
appropriate hardware for
convenient plug/receptacle
mating.
Material and Finish:
Cable Clamp Housing—
Thermoplastic, black with textured finish
Gates—Thermoplastic, black
Pan Head Screws, 6-32 Set Screw
and 6-32 Square Nut—Steel, zinc
plated (sizes 1 and 2 include self-tapping
screws only)
Related Product Data:
Connectors used with:
HDP Metal-Shell—pages 90-102
Other accessory capabilities:
Male Screw Retainers—
pages 146 & 147
Female Screwlocks—page 148
Locking Posts and Slide Latches—
pages 149-151
Spring Latches (Two Piece)—
page 152
Latching Blocks—pages 153 & 154
Technical Documents:
Instruction Sheet—408-7555
Material and Finish:
Cable Clamp Housing—
Thermoplastic, black with textured finish
Gates—Thermoplastic, black
Pan Head Screws, 6-32 Set Screw
and 6-32 Square Nut—Steel, zinc
plated (sizes 1 and 2 include self-tapping
screws only)
Male Screw—Steel, zinc plated yellow
chromate
Retaining Clip—Stainless steel
Related Product Data:
Connectors used with:
HDP Metal-Shell—pages 90-102
Technical Documents:
Instruction Sheets—
408-7555
408-7837
Note: All part numbers are RoHS
compliant.
Cable strain relief
adjustment screw
this side
Cable
Short Cable Clamp
Standard Cable Clamp
Shell
Dimensions
Dia.
Part No.
Part No.
Size
AB
C
D
(Max.)
Individual
Bulk Packed* Individual
Bulk Packed*
1.625
.750
.640
.640
.256
1
41.28
19.05
16.26
16.26
6.30
—
—
5205729-1
5205729-3
1.250
1.073
.600
.640
.320
31.75
27.25
15.24
16.26
8.13
5206393-1
——
—
1.625
1.073
.640
.640
.320
2
41.28
27.25
16.26
16.26
8.13
—
—
5205730-1
5205730-3
1.250
1.615
.600
.640
.420
31.75
41.02
15.24
16.26
10.67
5206390-1
5206390-3
——
1.625
1.615
.640
.640
.420
3
41.28
41.02
16.26
16.26
10.67
——
5205718-1
5205718-4
1.625
2.263
.640
.640
.490
4
41.28
57.48
16.26
16.26
12.45
——
5205731-1
—
*Each part is individually bulk packed for multiple assembly orders.
Notes: 1. All parts are packed unassembled.
2. Quantity of pan head screws supplied with cable clamp assembly varies with shell size.
3. Cable clamps are available in kits with male screw retainers, see below.
4. All pan head screws have combination cross-recessed and slotted heads.
Clam Shell Straight/45° Exit
Cable Clamp Kits
with Male Screw Retainers
HDP Plug or Receptacle
(Shown for Ref. only)
B
C Max.
D
HDP Plug or Receptacle
(Shown for Ref. only)
Male Screws mate with
Female Screwlocks
(See page 144.)
Cable Clamp
(See Note 3.)
Male Screw
(See Note 2.)
Retaining Clip
(See Note 2.)
Short Cable Clamp
Standard Cable Clamp
Shell Size
KIt No.
Kit No.
Individual
Bulk Packed*
Individual
Bulk Packed*
1—
—
5206478-1
—
2—
—
5206478-2
—
3
1-5206478-2
2-5206478-6
5206478-3
2-5206478-2
4—
—
5206478-4
—
5—
—
5206478-5
—
*Each part is individually bulk packed for multiple assembly orders.
Notes: 1. All parts are packaged unassembled.
2. Each kit is comprised of a cable clamp and male screw retainer hardware (2 each). Male screw retainers
are also available in kit form, see page 146.
3. For ordering cable clamps separately, see above.
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com