| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8L152C8T6 bảng dữ liệu(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L152C8T6 bảng dữ liệu(HTML) 29 Page - STMicroelectronics |
|
29 / 134 page ![]() DocID17943 Rev 6 29/134 STM8L15xx8, STM8L15xR6 Pin description 61 11 7 7 PA6/ADC1_TRIG/ LCD_COM2(3)/ADC1_IN0/ [COMP1_INP] I/O FT(5) X XX HS X X Port A6 ADC1 - trigger / LCD_COM2 / ADC1 input 0/ [Comparator 1 positive input] 12 8 8 PA7/LCD_SEG0(3)/ TIM5_CH1 I/O FT(5) X XX HS X X Port A7 LCD segment 0 / TIM5 channel 1 39 31 24 PB0(4)/TIM2_CH1/ LCD_SEG10(3)/ADC1_IN18 / [COMP1_INP] I/O FT(5) X XX HS X X Port B0 Timer 2 - channel 1 /LCD segment 10/ ADC1_IN18/ [Comparator 1 positive input] 40 32 25 PB1/TIM3_CH1/ LCD_SEG11(3)/ADC1_IN17 / [COMP1_INP] I/O FT(5) X XX HS X X Port B1 Timer 3 - channel 1 / LCD segment 11 / ADC1_IN17/ [Comparator 1 positive input] 41 33 26 PB2/ TIM2_CH2/LCD_SEG12(3)/ ADC1_IN16/[COMP1_INP] I/O FT(5) X XX HS X X Port B2 Timer 2 - channel 2 / LCD segment 12 / ADC1_IN16/ [Comparator 1 positive input] 42 34 27 PB3/TIM2_ETR/ LCD_SEG13(3)/ADC1_IN15 /[COMP1_INP] I/O FT(5) X XX HS X X Port B3 Timer 2 - trigger / LCD segment 13 /ADC1_IN15/ [Comparator 1 positive input] 43 35 - PB4(4)/SPI1_NSS/ LCD_SEG14(3)/ADC1_IN14 /[COMP1_INP] I/O FT(5) X XX HS X X Port B4 SPI1 master/slave select / LCD segment 14 / ADC1_IN14/ [Comparator 1 positive input] -- 28 PB4(4)/SPI1_NSS/ LCD_SEG14(3)/ADC1_IN14 /DAC_OUT2/ [COMP1_INP] I/O FT(5) X XX HS X X Port B4 SPI1 master/slave select / LCD segment 14 / ADC1_IN14 / DAC channel 2 output/ [Comparator 1 positive input] 44 36 - PB5/SPI1_SCK/ LCD_SEG15(3)/ADC1_IN13 / [COMP1_INP] I/O FT(5) X XX HS X X Port B5 SPI1 clock / LCD segment 15 / ADC1_IN13/ [Comparator 1 positive input] Table 5. High density and medium+ density STM8L15x pin description (continued) Pin number Pin name Input Output Default alternate function |