| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JSST176 bảng dữ liệu(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
JSST176 bảng dữ liệu(HTML) 2 Page - Vishay Siliconix |
|
2 / 7 page ![]() J/SST174/175/176/177 Series Vishay Siliconix www.vishay.com 9-2 Document Number: 70257 S-04030—Rev. E, 04-Jun-01 ABSOLUTE MAXIMUM RATINGS Gate-Drain Voltage 30 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Gate-Source Voltage 30 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Gate Current –50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage Temperature –55 to 150 _C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating Junction Temperature –55 to 150 _C . . . . . . . . . . . . . . . . . . . . . . . . . . Lead Temperature (1/16” from case for 10 sec.) 300 _C . . . . . . . . . . . . . . . . . . . Power Dissipationa 350 mW . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Notes a. Derate 2.8 mW/ _C above 25_C SPECIFICATIONS FOR J/SST174 AND J/SST175 (TA = 25_C UNLESS OTHERWISE NOTED) Limits J/SST174 J/SST175 Parameter Symbol Test Conditions Typa Min Max Min Max Unit Static Gate-Source Breakdown Voltage V(BR)GSS IG = 1 mA , VDS = 0 V 45 30 30 Gate-Source Cutoff Voltage VGS(off) VDS = –15 V, ID = –10 nA 5 10 3 6 V Saturation Drain Currentb IDSS VDS = –15 V, VGS = 0 V –20 –135 –7 –70 mA VGS = 20 V, VDS = 0 V 0.01 1 1 Gate Reverse Current IGSS TA = 125_C 5 Gate Operating Current IG VDG = –15 V, ID = –1 mA 0.01 nA VDS = –15 V, VGS = 10 V –0.01 –1 –1 Drain Cutoff Current ID(off) TA = 125_C –5 Drain-Source On-Resistance rDS(on) VGS = 0 V, VDS = –0.1 V 85 125 W Gate-Source Forward Voltage VGS(F) IG = –1 mA , VDS = 0 V –0.7 V Dynamic Common-Source Forward Transconductance gfs VDS = –15 V, ID = –1 mA 4.5 mS Common-Source Output Conductance gos VDS = –15 V, ID = –1 mA f = 1 kHz 20 mS Drain-Source On-Resistance rds(on) VGS = 0 V, ID = 0 mA , f = 1 kHz 85 125 W Common-Source Input Capacitance Ciss VDS = 0 V, VGS = 0 V, f = 1 MHz 20 Common-Source Reverse Transfer Capacitance Crss VDS = 0 V, VGS = 10 V f = 1 MHz 5 pF Equivalent Input Noise Voltage en VDG = –10 V, ID = –1 mA f = 1 kHz 20 nV ⁄ √Hz Switching td(on) 10 Turn-On Time tr VGS(L) = 0 V, VGS(H) = 10 V 15 td(off) GS(L) GS(H) See Switching Circuit 10 ns Turn-Off Time tf 20 Notes a. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. PSCIA b. Pulse test: PW v300 ms duty cycle v3%. |