| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS12AH bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AS12AH bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers |
|
5 / 5 page ![]() H Series AS Subminiature Slides www.nkk.com H8 TYPICAL SWITCH DIMENSIONS Right Angle PC Double Pole Right Angle PC Single Pole Vertical PC Single Pole AS22AB Actuator shown in LEFT position AS12AH Actuator shown in LEFT position AS22AH Actuator shown in LEFT position AS22AV Actuator shown in LEFT position Vertical PC Double Pole AS12AV Actuator shown in LEFT position (9.8) .386 (0.7) Typ .028 (5.08) .200 1 2 3 4 5 6 (10.16) .400 (9.1) .358 (2.06) .081 (0.3) Typ .012 (0.6) Dia Typ .024 (2.54) Typ .100 (3.1) .122 (0.8) .031 (2.5) .098 (2.5) Travel .098 P/N This Side (9.5) .374 (0.4) .016 (2.4) Sq .094 6 4 5 2 3 1 (2.54) Typ .100 (0.8) Dia Typ .031 (5.08) .200 (5.08) .200 (0.8) Dia Typ .031 23 1 (2.54) Typ .100 (5.08) .200 6 45 23 1 (2.54) Typ .100 (0.8) Dia Typ .031 (2.54) .100 3 1 2 (2.54) Typ .100 (0.8) Dia Typ .031 (1.0) .039 CL (2.54) .100 6 4 52 3 1 (2.54) Typ .100 (0.8) Dia Typ .031 (5.08) .200 (5.08) .200 (2.5) Travel .098 (2.06) .081 (2.4) Sq .094 (0.3) .012 (9.8) .386 (5.08) .200 (0.3) Typ .012 (9.9) .389 (0.7) .028 (0.8) .031 (3.3) .131 (3.1) .122 (5.08) .200 (2.5) .098 P/N This Side (6.18) .243 32 1 (0.6) Dia Typ .024 (2.54) Typ .100 (10.0) .394 32 1 65 4 (0.6) Dia Typ .024 (2.54) Typ .100 (12.4) .489 (0.8) .031 (0.7) .028 (0.5) .020 (5.2) .205 (2.54) .100 (5.08) .200 (3.1) .122 (2.5) .098 P/N This Side (5.08) .200 (2.06) .081 (0.4) .016 (2.4) Sq .094 (2.5) Travel .098 (9.8) .386 (0.3) Typ .012 3 2 1 (1.0) .039 CL (0.6) Dia Typ .024 (10.2) .402 (15.0) .589 (2.06) .081 (2.54) .100 (2.54) .100 (2.54) Typ .100 (2.5) Travel .098 (0.8) .031 (5.3) .208 (0.5) .020 (3.1) .122 (1.0) .039 (2.5) .098 P/N This Side (2.4) Sq .094 (0.7) Typ .028 (0.3) Typ .012 (0.4) .016 (5.7) .224 (2.54) .100 (5.08) .200 (0.7) .028 (15.0) .589 (2.06) .081 (2.54) Typ .100 (0.8) .031 (5.3) .208 (2.5) Travel .098 (2.5) .098 (1.0) .039 (0.5) .020 (3.1) .122 P/N This Side (9.5) .374 (5.08) .200 (0.3) Typ .012 (2.4) Sq .094 (0.4) .016 (10.2) .402 (5.08) .200 (0.6) Dia Typ .024 1 2 3 4 5 6 Straight PC • Bracket Double Pole |