| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PS500HTQJL0L20 bảng dữ liệu(PDF) 5 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
PS500HTQJL0L20 bảng dữ liệu(HTML) 5 Page - Rohm |
|
5 / 6 page ![]() 5/5 Data Sheet PSR Series www.rohm.com ○ c 2014 ROHM Co., Ltd. All rights reserved. 2014.03 - Rev.A Part Number Description Tolerance PSR (Ultra low ohmic metal plate / High power type shunt Resistors) 400 (1.0 ×5.2 [3921]) 500 (15 ×7.75 [5931]) Code 00 4 S PR G 2% J 5% F 1% Special part code D 0.3m Ω E 0.4m Ω F 0.5m Ω H 1.0m Ω J 2.0m Ω L 3.0m Ω C 0.2m Ω Resistance Tolerance J F,G 0L2 0.2 0L20 0L3 0.3 0L30 0L4 0.4 0L40 0L5 0.5 0L50 1L0 1.0 1L00 2L0 2.0 2L00 3L0 3.0 3L00 Embossed tape (12mm Pitch) HTQ PSR500 2,000 Embossed tape (8mm Pitch) ITQ PSR400 3,000 Part No. Size (mm [inch]) Packaging Specifications code Packaging specifications Basic ordering unit (pcs) IQ TJ Part No. Resistance code, 3 or 4 digits. Nominal Resistance F,G J : : 4 digits 3 digits tolerance Resistance code Tape Dimensions 5.7 ±0.2 10.5 ±0.2 WF E A0 B0 16.0 ±0.2 PSR400 7.5 ±0.1 1.75 ±0.1 8.3 ±0.2 15.6 ±0.2 24.0 ±0.2 PSR500 11.5. ±0.1 1.75 ±0.1 φ1.5 +0.1 0 2.0 ±0.1 2.3 ±0.1 D0 P0 P1 P2 K 4.0 ±0.1 8.0 ±0.1 φ1.5 +0.1 0 2.0 ±0.1 2.3 ±0.1 4.0 ±0.1 12.0 ±0.1 PSR400 PSR500 Embossed Tape (Unit : mm) Part No. Part No. W F B0 A0 P1 P0 P2 φD0 E K Reel Dimensions AB C D φ13.00±0.20 PSR400 φ17.4±1.0 PSR500 φ330±2.00 φ100±1.00 (Unit : mm) Part No. φ25.4±1.0 ACCORDING TO EIAJ ET-7200A A B D C label |