| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD8229HDZ bảng dữ liệu(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8229HDZ bảng dữ liệu(HTML) 3 Page - Analog Devices |
|
3 / 24 page ![]() Data Sheet AD8229 Rev. B | Page 3 of 24 SPECIFICATIONS +VS = 15 V, −VS = −15 V, VREF = 0 V, TA = 25°C, G = 1, RL = 10 kΩ, unless otherwise noted. Table 1. Parameter Test Conditions/Comments Min Typ Max Unit COMMON-MODE REJECTION RATIO (CMRR) CMRR DC to 60 Hz with 1 kΩ Source Imbalance VCM = ±10 V G = 1 86 dB Temperature Drift TA = −40°C to +210°C 300 nV/V/°C G = 10 106 dB Temperature Drift TA = −40°C to +210°C 30 nV/V/°C G = 100 126 dB Temperature Drift TA = −40°C to +210°C 3 nV/V/°C G = 1000 TA = −40°C to +210°C 134 dB CMRR at 5 kHz VCM = ±10 V G = 1 80 dB G = 10 90 dB G = 100 90 dB G = 1000 90 dB VOLTAGE NOISE VIN+, VIN− = 0 V Spectral Density1: 1 kHz Input Voltage Noise, eni 1 1.1 nV/√Hz Output Voltage Noise, eno 45 50 nV/√Hz Peak to Peak: 0.1 Hz to 10 Hz G = 1 2 µV p-p G = 1000 100 nV p-p CURRENT NOISE Spectral Density: 1 kHz 1.5 pA/√Hz Peak to Peak: 0.1 Hz to 10 Hz 100 pA p-p VOLTAGE OFFSET VOS = VOSI + VOSO/G Input Offset, VOSI 100 µV Average TC TA = −40°C to +210°C 0.1 1 µV/°C Output Offset, VOSO 1000 µV Average TC TA = −40°C to +210°C 3 10 µV/°C Offset RTI vs. Supply (PSR) VS = ±5 V to ±15 V G = 1 TA = −40°C to +210°C 86 dB G = 10 TA = −40°C to +210°C 106 dB G = 100 TA = −40°C to +210°C 126 dB G = 1000 TA = −40°C to +210°C 130 dB INPUT CURRENT Input Bias Current 70 nA High Temperature TA = 210°C 200 nA Input Offset Current 35 nA High Temperature TA = 210°C 50 nA |