công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L08054R7CGSTR bảng dữ liệu(PDF) 5 Page - AVX Corporation

tên linh kiện L08054R7CGSTR
Giải thích chi tiết về linh kiện  Accu-L짰 SMD High-Q RF Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVX [AVX Corporation]
Trang chủ  http://www.avx.com
Logo AVX - AVX Corporation

L08054R7CGSTR bảng dữ liệu(HTML) 5 Page - AVX Corporation

  L08054R7CGSTR Datasheet HTML 1Page - AVX Corporation L08054R7CGSTR Datasheet HTML 2Page - AVX Corporation L08054R7CGSTR Datasheet HTML 3Page - AVX Corporation L08054R7CGSTR Datasheet HTML 4Page - AVX Corporation L08054R7CGSTR Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
32
2
32
Accu-L
® 0805
Application Notes
HANDLING
SMD chips should be handled with care to avoid damage or
contamination from perspiration and skin oils. The use of
plastic tipped tweezers or vacuum pick-ups is strongly
recommended for individual components. Bulk handling
should ensure that abrasion and mechanical shock are min-
imized. For automatic equipment, taped and reeled product
is the ideal medium for direct presentation to the placement
machine.
CIRCUIT BOARD TYPE
All flexible types of circuit boards may be used (e.g. FR-4,
G-10) and also alumina.
For other circuit board materials, please consult factory.
COMPONENT PAD DESIGN
Component pads must be designed to achieve good joints
and minimize component movement during soldering.
Pad designs are given below for both wave and reflow
soldering.
The basis of these designs is:
a. Pad width equal to component width. It is permissible
to decrease this to as low as 85% of component width
but it is not advisable to go below this.
b. Pad overlap about 0.3mm.
c. Pad extension about 0.3mm for reflow.
Pad extension about 0.8mm for wave soldering.
PREHEAT & SOLDERING
The rate of preheat in production should not exceed
4°C/second. It is recommended not to exceed 2°C/
second.
Temperature differential from preheat to soldering should not
exceed 150°C.
For further specific application or process advice, please
consult AVX.
HAND SOLDERING & REWORK
Hand soldering is permissible. Preheat of the PCB to 100°C
is required. The most preferable technique is to use hot air
soldering tools. Where a soldering iron is used, a tempera-
ture controlled model not exceeding 30 watts should be
used and set to not more than 260°C. Maximum allowed
time at temperature is 1 minute. When hand soldering, the
base side (white side) must be soldered to the board.
COOLING
After soldering, the assembly should preferably be allowed to
cool naturally. In the event of assisted cooling, similar condi-
tions to those recommended for preheating should be used.
CLEANING RECOMMENDATIONS
Care should be taken to ensure that the devices are thor-
oughly cleaned of flux residues, especially the space beneath
the device. Such residues may otherwise become conduc-
tive and effectively offer a lossy bypass to the device. Various
recommended cleaning conditions (which must be optimized
for the flux system being used) are as follows:
Cleaning liquids . . . . . . i-propanol, ethanol, acetylace-
tone, water, and other standard
PCB cleaning liquids.
Ultrasonic conditions . . power – 20w/liter max.
frequency – 20kHz to 45kHz.
Temperature . . . . . . . . . 80°C maximum (if not otherwise
limited by chosen solvent system).
Time. . . . . . . . . . . . . . . 5 minutes max.
STORAGE CONDITIONS
Recommended storage conditions for Accu-L
® prior to use
are as follows:
Temperature. . . . . . . . . 15°C to 35°C
Humidity . . . . . . . . . . . ≤65%
Air Pressure . . . . . . . . . 860mbar to 1060mbar
RECOMMENDED SOLDERING
PROFILE
For recommended soldering profile see page 23
REFLOW SOLDERING
DIMENSIONS: millimeters (inches)
WAVE SOLDERING
DIMENSIONS: millimeters (inches)
1.2
(0.047)
1.2
(0.047)
1.4
(0.055)
3.8
(0.150)
1.5
(0.059)
0805
Accu-L
®
0.7
(0.028)
0.7
(0.028)
1.4
(0.055)
2.8
(0.110)
1.5
(0.059)
0805
Accu-L
®
1.30
(0.051)
1.30
(0.051)
0.50
(0.020)
3.1
(0.122)
0.8
(0.031)
0603
Accu-L
®
0.90
(0.035)
0.90
(0.035)
0.50
(0.020)
2.3
(0.091)
0.8
(0.031)
0603
Accu-L
®



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com