công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KDE0505PHS2 bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện KDE0505PHS2
Giải thích chi tiết về linh kiện  KDE SERIES DC Brushless Fan&Blower Traditional Motor Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

KDE0505PHS2 bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  KDE0505PHS2 Datasheet HTML 1Page - List of Unclassifed Manufacturers KDE0505PHS2 Datasheet HTML 2Page - List of Unclassifed Manufacturers KDE0505PHS2 Datasheet HTML 3Page - List of Unclassifed Manufacturers KDE0505PHS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Model Numbering System
12
08
P
T
S
1
FAN SERIES
KDE: DC MOTOR FAN
VOLTAGE
05:5VDC 12:12VDC
24:24VDC 48:48VDC
FRAME SIZE
12:120mm 06:60mm 45:45mm 28:28mm
09:92mm
55:55mm 04:40mm 02:25mm
08:80mm
05:52mm 35:35mm 01:20mm
07:70mm 05:50mm 03:30mm 17:17mm
FRAME SHAPE
P:PBT Plastic
A:Aluminum
A:auto restart
Blank:without auto restart
MOTOR POLES
8: 8 Poles 6: 6 Poles
Blank: 4 Poles
SPEED
X:SUPER 1:HIGH
2:MIDDLE 3:LOW
4:EXTRA LOW
BEARING SYSTEM
S: Sleeve
B:Ball
FRAME THICKNESS
8
A
P/N Suffix
KDE
M:38mm L :32mm T :25mm
Q:28mm K:20mm
H:15mm
G:12mm F :10mm
D:7~8mm
E:6mm C:4.8mm
P/N
P/N suffixes have the following significance
Example: KDE1205PFB1 P/N:H.G
3rd wire with rotation detector waveform
(Only available for 8025/9225/12025/12038 Series)
3rd wire with frequency generation waveform
(Only available for 8025/9225/12025/12038 Serie)
two ball bearing
component/process upgraded
low voltage start-up & open collector type
low voltage
smaller hub
big hub
new blade
3rd wire square with open collector type
3rd wire square wave signal was not amplifed
3rd wire square with open collector type (only available for P/N: H)
special circuit design
different dimensions, particular process or supplementary component parts
R
F
(2)
H
OC
LV
N
G
V
TM
M
BXX
CXX
:
:
:
:
:
:
:
:
:
:
:
:
:
2001/4/1
Worldwide Locations
Headquarters: Sunonwealth Electric Machine Industry Co., Ltd.
12th floor, 120 Chung Cheng 1st Road, Kaohsiung, Taiwan, R.O.C.
TEL: +886-7-7163069(41 lines)
FAX: +886-7-7163086
URL: http://www.sunon.com
E-mail: sunon@www.sunon.com.tw
Sunon Inc. (U.S.A.)
1075 West Lambert Road Suite A, Brea, California 92821 U.S.A
TEL : +1-714-255-0208
FAX :+ 1-714-255-0802
URL : http://www.sunonusa.com E-mail : info@sunon.com
Sunon SAS (Europe)
Parc Medicis, 66, Ave Des Pepinieres 94832, Fresnes Cedex-France
TEL : +33-1-46154515
FAX : +33-1-46154510
URL: http://www.sunon.fr E-mail : info@sunon.fr
Sunon Corporation (Japan)
Stork Minami Otsuka 4Fl.33-1, 2 Chome,
Minami Otsuka Toshimaku, Tokyo Japan 170-0005
TEL : +81-3-5395-3069 FAX: +81-3-5395-3080
URL: http://sunon.co.jp E-mail : info@sunon.co.jp
Sunonwealth Electric Machine Industry (HK) Ltd. (Hong Kong)
1513 Nan Fung Center, 264 Castle Peak Road, Tsuen Wan, Hong Kong
TEL :+ 852-24-111-388
FAX : +852-24-050-707
E-mail : info@sunon.com.hk
Sunon Technologies PTE Ltd. (Singapore)
10 Jalan Besar, #09-09, Sim Llim Tower, Singapore 208787
TEL : +65-299-0428
FAX :+65-392-2530
E-mail : info@sunon.com.hk



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com