| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CSTCC2M00G53-R0 bảng dữ liệu(PDF) 2 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
CSTCC2M00G53-R0 bảng dữ liệu(HTML) 2 Page - Murata Manufacturing Co., Ltd. |
|
2 / 32 page ![]() Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. Introduction Ceramic resonators (CERALOCK®) are made of high stability piezoelectric ceramics that function as a mechanical resonator. This device has been developed to function as a reference signal generator and the frequency is primarily adjusted by the size and thickness of the ceramic element. With the advance of the IC technology, various equipment may be controlled by a single LSI integrated circuit, such as the one-chip microprocessor. CERALOCK® can be used as the timing element in most microprocessor based equipment. In the future, more and more applications will use CERALOCK® because of its high stability non- adjustment performance, miniature size and cost savings. Typical applications include TVs, VCRs, automotive electronic devices, telephones, copiers, cameras, voice synthesizers, communication equipment, remote controls and toys. This manual describes CERALOCK® and will assist you in applying it effectively. * CERALOCK® is the brand name of these MURATA products. P17E.pdf 2012.10.31 |