công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD2S80ASE bảng dữ liệu(PDF) 16 Page - Analog Devices

tên linh kiện AD2S80ASE
Giải thích chi tiết về linh kiện  Variable Resolution, Monolithic Resolver-to-Digital Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD2S80ASE bảng dữ liệu(HTML) 16 Page - Analog Devices

Back Button AD2S80ASE Datasheet HTML 8Page - Analog Devices AD2S80ASE Datasheet HTML 9Page - Analog Devices AD2S80ASE Datasheet HTML 10Page - Analog Devices AD2S80ASE Datasheet HTML 11Page - Analog Devices AD2S80ASE Datasheet HTML 12Page - Analog Devices AD2S80ASE Datasheet HTML 13Page - Analog Devices AD2S80ASE Datasheet HTML 14Page - Analog Devices AD2S80ASE Datasheet HTML 15Page - Analog Devices AD2S80ASE Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD2S80A
REV. B
–16–
APPLICATIONS
Control Transformer
The ratio multiplier of the AD2S80A can be used independently
of the loop integrators as a control transformer. In this mode the
resolver inputs
θ are multiplied by a digital angle φ any differ-
ence between
φ and θ will be represented by the AC ERROR
output as SIN
ωt sin (θ–φ) or the DEMOD output as sin (θ–φ).
To use the AD2S80A in this mode refer to the “Control Trans-
former” application note.
Dynamic Switching
In applications where the user requires wide band response from
the converter, for example 100 rpm to 6000 rpm, superior per-
formance is achieved if the converters control characteristics are
switched dynamically. This reduces velocity offset levels at low
tracking rates. For more information on the technique refer to
“Dynamic Resolution Switching Using the Variable Resolution
Monolithic Resolver-to-Digital Converters.”
OTHER PRODUCTS
The AD2S82A is a monolithic, variable resolution 10-, 12-, 14-
and 16-bit resolver-to-digital converter in a 44-terminal J-leaded
PLCC package. In addition to the AD2S80A functions it has a
VCO OUTPUT which is a measure of position within a LSB,
and a COMPLEMENT Data Output.
The AD2S81A is a low cost, monolithic, 12-bit resolver-to-
digital converter in a 28-lead ceramic DIP package.
ORDERING GUIDE
Operating
Temperature
Package
Package
Model
Range
Accuracy
Description
Option
AD2S80AJD
0
°C to 70°C
8 arc min
Side Brazed Ceramic DIP
D-40
AD2S80AKD
0
°C to 70°C
4 arc min
Side Brazed Ceramic DIP
D-40
AD2S80ALD
0
°C to 70°C
2 arc min
Side Brazed Ceramic DIP
D-40
AD2S80AAD
–40
°C to +85°C
8 arc min
Side Brazed Ceramic DIP
D-40
AD2S80ABD
–40
°C to +85°C
4 arc min
Side Brazed Ceramic DIP
D-40
AD2S80ASD
–55
°C to +125°C
8 arc min
Side Brazed Ceramic DIP
D-40
AD2S80ATD
–55
°C to +125°C
4 arc min
Side Brazed Ceramic DIP
D-40
AD2S80AUD
–55
°C to +125°C
2 arc min
Side Brazed Ceramic DIP
D-40
AD2S80ASE
–55
°C to +125°C
8 arc min
Leadless Ceramic Chip Carrier
E-44A
AD2S80ATE
–55
°C to +125°C
4 arc min
Leadless Ceramic Chip Carrier
E-44A
AD2S80AUE
–55
°C to +125°C
2 arc min
Leadless Ceramic Chip Carrier
E-44A
AD2S80ASD/883B
–55
°C to +125°C
8 arc min
Side Brazed Ceramic DIP
D-40
AD2S80ATD/883B
–55
°C to +125°C
4 arc min
Side Brazed Ceramic DIP
D-40
AD2S80ASE/883B
–55
°C to +125°C
8 arc min
Leadless Ceramic Chip Carrier
E-44A
AD2S80ATE/883B
–55
°C to +125°C
4 arc min
Leadless Ceramic Chip Carrier
E-44A
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
40-Lead Ceramic DIP (D) Package
0.060 (1.52)
0.02 (0.51)
0.125 (3.22)
0.150
(3.81)
MIN
2.02 (51.31)
1.98 (50.29)
0.100 (2.54) TYP
0.61 (15.49)
0.58 (14.73)
0.09 (2.29)
0.07 (1.77)
0.59 (14.99)
TYP
0.012 (0.31)
0.009 (0.23)
0.01 (0.25) TYP
LEAD NO. 1 IDENTIFIED BY DOT OR NOTCH. LEADS ARE GOLD PLATED
(50 MICROINCHES MIN) KOVAR OR ALLOY 42.
44-Terminal LCC (E) Package
1
44
6
7
18
17
39
40
BOTTOM VIEW
29
28
0.055 (1.40)
0.045 (1.14)
0.662 (16.82)2
0.640 (16.27)
SQ
0.028 (0.71)
0.022 (0.56)
0.020 (0.51)
REF
45°
0.040 (1.02)
REF
45°
3 PLACES
0.050
(1.27)
BSC
0.075 (1.91) REF
0.100 (2.54)1
0.064 (1.63)
NOTES
1THIS DIMENSION CONTROLS THE OVERALL PACKAGE
THICKNESS.
2APPLIES TO ALL FOUR SIDES.
ALL TERMINALS ARE GOLD PLATED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com