công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TML20105 bảng dữ liệu(PDF) 3 Page - Touchstone Semiconductor Inc

tên linh kiện TML20105
Giải thích chi tiết về linh kiện  AC/DC Power Modules
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOUCHSTONE [Touchstone Semiconductor Inc]
Trang chủ  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TML20105 bảng dữ liệu(HTML) 3 Page - Touchstone Semiconductor Inc

  TML20105 Datasheet HTML 1Page - Touchstone Semiconductor Inc TML20105 Datasheet HTML 2Page - Touchstone Semiconductor Inc TML20105 Datasheet HTML 3Page - Touchstone Semiconductor Inc TML20105 Datasheet HTML 4Page - Touchstone Semiconductor Inc TML20105 Datasheet HTML 5Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
http://www.tracopower.com
Page 3 of 5
AC/DC Power Modules
TML Series
20 & 40 Watt
Output Specifications
Regulation – Load variation
TML 20 single output models: 1 %, 0–100 % load
TML 20 dual output models: 3 % (each output), 10–100 % symetric load
TML 20 triple output models: 2 % for output 1, 20–100 % load
5 % for output 2&3, 20–100 % symetric load
TML 40 single output models: 0.5 % 1–100 % load
TML 40 symetric dual output models: 3 % (each output), 10–100 % symetric load
TML 40 asymetric dual output models: 2 % for output 1, 25–100 % load
6 % for output 2, 25–100 % load
TML 40 triple output models: 3 % for output 1, 25–100 % load
7 % for output 2&3, 25–100 % symetric load
Current limitation
above 105 % of rated output current.
Overvoltage protection by Zehner diode (main output only)
120 % of Vout typ.
Short circuit protection
hiccup mode, indefinite (automatic recovery)
Overtemperature protection (TML 40 models only)
at +100°C
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
General Specifications
Temperature ranges
– Operating
TML 20 models: –25°C to +60°C
TML 40 models: –40°C to +60°C
– Power derating above +50°C
3.0 %/K
– Case max.
+95°C
– Storage (non operating)
–40°C to +85°C
Temperature coefficient
0.02 %/°C
Efficiency
75 – 84 % (depending on model)
Humidity (non condensing)
95 % rel max.
Switching frequency (pulse width modulation PWM)
TML 20 models: 100 kHz typ.
TML 40 models: 132 kHz typ.
Hold-up time
10 ms min.
Isolation voltage
– Input/Output
3‘000 VAC
Reliability /calculated MTBF (MIL-HDBK-217F, at +25°C, ground benign)
>200’000 h
EMI / RFI conducted
EN 55022, class B, FCC part 15, level B
EMC compliance
EN 55024
Protection class
TML 20 models: class I
TML 40 models: class II to IEC/EN 60536
Max. capacitive load [µF]
Model series
Output:
TML 20
TML 40
Single output models
3.3 VDC
25‘000
60‘000
5.0 VDC
13‘000
40‘000
12 VDC
920
8‘600
15 VDC
820
6‘600
24 VDC
600
1400
Dual output models symetric
+5.0 / –5.0 VDC
4300 / 4300
12‘000 / 12‘000
+12 / –12 VDC
560 /560
4‘400 / 4‘400
+15 / –15 VDC
220 /220
1‘000 / 1‘000
Dual output models asymetric
+5.0 / +12 VDC
–
10‘000 / 470
+5.0 / +24 VDC
–
10‘000 / 400
Triple output models
+5.0 / +12 / –12 VDC
3‘500 / 220 / 220
10‘000 / 780 / 780
+5.0 / +15 / –15VDC
3‘500 / 150 / 150
10‘000 / 900 / 900



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com