công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TML20103 bảng dữ liệu(PDF) 2 Page - Touchstone Semiconductor Inc

tên linh kiện TML20103
Giải thích chi tiết về linh kiện  AC/DC Power Modules
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOUCHSTONE [Touchstone Semiconductor Inc]
Trang chủ  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TML20103 bảng dữ liệu(HTML) 2 Page - Touchstone Semiconductor Inc

  TML20103 Datasheet HTML 1Page - Touchstone Semiconductor Inc TML20103 Datasheet HTML 2Page - Touchstone Semiconductor Inc TML20103 Datasheet HTML 3Page - Touchstone Semiconductor Inc TML20103 Datasheet HTML 4Page - Touchstone Semiconductor Inc TML20103 Datasheet HTML 5Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http://www.tracopower.com
Page 2 of 5
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
AC/DC Power Modules
TML Series
20 & 40 Watt
Input Specifications
Input voltage ranges
– AC input
90 – 264 VAC
– DC Input
100 – 375 VDC
Input frequency
47 – 440 Hz
Input current at full load (115 VAC / 230 VAC nominal input)
TML 20 models: 400 mA / 270 mA typ.
TML 40 models: 860 mA / 460 mA typ
Leakage current
0.75 mA max.
External fuse (required)
1.5 A slow blow type (recommendation)
Output Specifications
Voltage set accuracy
TML 20 models: ±2 %
TML 40 single and symetric dual output models: ±2 %
TML 40 asymetric dual and triple output models: ±3 % for output 1, ±5 % for output 2&3
Minimum load
TML 20 single and dual output models: 0 %
TML 20 triple output models: 10 % (each output)
TML 40 single output models: 1 %
TML 40 symetric dual output models: 10 % (each output)
TML 40 asymetric dual and triple output models: 25 % (each output)
operation at lower load condition will not
damage these power supplies, however, they
may not meet all listed specifications.
Ripple and noise (20 MHz bandwidth)
TML 20 models: <0.7 % of Vout +90 mV [Vp-p]
TML 40, 3.3 VDC model: <50 mVp-p
TML 40 other models: <1 % of Vout [Vp-p]
Regulation – Input variation
single and symetric dual output models: 0.5 % (each output)
TML 20 triple output models: 1 % for output 1, 5 % for output 2&3
TML 40 asymetric dual and triple output models: ±0.5 % for output 1, ±5 % for output 2&3
Order code
Output
power
max.
Output 1
Output 2
Output 3
PCB mount
Chassis mount
TML 40103
TML 40103C
26.4 W
3.3 VDC/8000 mA
TML 40105
TML 40105C
5.0 VDC/8000 mA
TML 40112
TML 40112C
12 VDC/3333 mA
TML 40115
TML 40115C
15 VDC/2666 mA
TML 40124
TML 40124C
24 VDC/1667 mA
TML 40205
TML 40205C
40 W
+5.0 VDC/4000 mA
–5.0 VDC/4000 mA
TML 40212
TML 40212C
+12 VDC/1666 mA
–12 VDC/1666 mA
TML 40215
TML 40215C
+15 VDC/1333 mA
–15 VDC/1333 mA
TML 40252
TML 40252C
*5.0 VDC/5000 mA
*12 VDC/1250 mA
TML 40254
TML 40254C
*5.0 VDC/5000 mA
*24 VDC/625 mA
TML 40512
TML 40512C
*5.0 VDC/5000 mA
+12 VDC/600 mA
–12 VDC/600 mA
TML 40515
TML 40515C
*5.0 VDC/5000 mA
+15 VDC/500 mA
–15 VDC/500 mA
40 Watt Models
* Output floating



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com