| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
0174 bảng dữ liệu(PDF) 6 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
0174 bảng dữ liệu(HTML) 6 Page - Tyco Electronics |
|
6 / 9 page ![]() Shielded Contacts 8-72 Catalog 1654025 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 12-04 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Japan: 81-44-900-5102 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Singapore: 65-4866-151 www.tycoelectronics.com are U.S. equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-1793-528171 SolderTacts Shielded One-Piece Solder Contacts (Continued) Contact United States Cable Diameter (in inches) Raychem Military Air Force Wire SolderTacts Size Polarity Cable Type Specification Drawing No. JOD SOD DOD COD (AWG) Part Number Series I, III, and IV M39029/90 a 8912020-EL-01 4.50 max. — .74-1.30 .24-.74 24–26 DK-602-0156-N-3 8 P Twinaxialc [.177] [.029–.051] [.011–.029] M39029/91 a 8912019-OS-01 3.68 max. — .74-1.30 .24-.74 24–26 DK-602-0157-N-1 8 S Twinaxialc [.145] [.029–.051] [.011–.029] M39029/91 a 8912019-DL-01 4.12 max. — .74-1.30 .24-.74 24–26 DK-602-0157-N-2 8 S Twinaxialc [.162] [.029–.051] [.011–.029] M39029/91 a 8912019-EL-01 4.50 max. — .74-1.30 .24-.74 24–26 DK-602-0157-N-3 8 S Twinaxialc [.177] [.029–.051] [.011–.029] M39029/90 a 8912020-OL-01 4.67 max. — — — 20 DK-602-0169-1 8 P Twinaxialc [.184] M39029/91 a 8912019-OL-01 4.67 max. — — — 20 DK-602-0170-1 8 S Twinaxialc [.184] Series II M39029/76 a 915304-1 1.27-2.62 1.68-2.13 .91-1.73 .23-.58 26–30 D-602-0140 16 P Coaxial [.050–.103] [.066–.084] [.036–.068] [.009–.023] M39029/77 a 915306-1 1.27-2.62 1.68-2.13 .91-1.73 .23-.58 26–30 D-602-0171 16 S Coaxial [.050–.103] [.066–.084] [.036–.068] [.009–.023] M39029/76 a 915304-2 — — .64-1.09 .23-.58 26–30 D-602-0142 16 P Twisted pair [.025–.043] [.009–.023] M39029/77 a 915306-2 — — .64-1.07 .23-.58 26–30 D-602-0174 16 S Twisted pair [.025–.042] [.009–.023] a These SolderTacts contacts are intermateable and intermountable with contacts qualified to indicated specification; they replace crimp-style termination. b These SolderTacts contacts are designed for shielded twisted pair cable per MIL-STD-1553B. c These SolderTacts contacts are designed for databus contacts per MIL-STD-1553B. Engineering Convection SolderTacts Part Numbers Standard (Hot Air) Heating Repair Contact Contact Series (D-602-) (Termination AT-1319 Wand Insertion Removal Instructions) Adapter Tool Tool* 999 0140/0141 ES61226 AT-1319-78 AD-1565 M81969/8-07 M81869/8-08 Size 16 0142/0143 ES61224 — — or or 0171 ES61226 AT-1319-27 AD-1572 M81969/14-03 M81969/14-03 0174 ES61224 — — 999 0144/0145 ES61206 AT-1319-24 AD-1566 M81969/8-09 M81969/8-10 Size 12 0146/0147 ES61218 — — or or 0150/0151 ES61223 — — M81969/14-04 M81969/14-04 999 0122/0123 ES61179 AT-1319-22 AD-1568 Size 8 1108/1109 ES61172 — M81969/14-06 1110/1111 ES61172 AT-1319-22 AD-1568 or 1112/1113 ES61184 and and — Astro ATBX-2277 0156/0157-X ES61231 AT-1319-14 AD-1480 0169/0170-X ES61235 *Tyco Electronics does not provide this tool. See connector manufacturer. Note: AA-400 SuperHeater Compressed Air Heating Tool shown on page 10-2 can be used for installation. Another option is the Steinel® General Purpose Hot-Air Heating Tool shown on page 10-13. SolderTacts Series: MIL-C-38999, Series I, II, III, IV Circular Connectors (Continued) Tooling Selection Guide |