| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SCF5250VM120 bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SCF5250VM120 bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc |
|
10 / 56 page ![]() SCF5250 Data Sheet: Technical Data, Rev. 1.3 10 Freescale Semiconductor Transmit Data SCL1/TXD1/GPIO10 TXD0/GPIO45 Signal is transmit serial data output for DUART Out – Request-To-Send DDATA3/RTS0/GPIO4 DDATA1/RTS1/SDATA2_BS2/GPIO2 DUART signals a ready to receive data query Out – Clear-To-Send DDATA2/CTSO/GPIO3 DDATA0/CTS1/SDATA0_SDIO1/GPIO1 Signals to DUART that data can be transmitted to peripheral In – Timer Output SDATAO1/TOUT0/GPIO18 Capable of output waveform or pulse generation Out – IEC958 inputs EBUIN1/GPIO36 EBUIN2/SCLK_OUT/GPIO13 EBUIN3/CMD_SDIO2/GPIO14 QSPI_CS0/EBUIN4/GPIO15 audio interfaces IEC958 inputs In – IEC958 outputs EBUOUT1/GPIO37 QSPI_CS1/EBUOUT2/GPIO16 audio interfaces IEC958 outputs Out – Serial data in SDATAI1/GPIO17 SDATAI3/GPIO8 audio interfaces serial data inputs In – Serial data out SDATAO1/TOUT0/GPIO18 SDATAO2/GPIO34 audio interfaces serial data outputs In/Out Out – Word clock LRCK1/GPIO19 LRCK2/GPIO23 LRCK3/GPIO43/AUDIO_CLOCK audio interfaces serial word clocks In/Out – Bit clock SCLK1/GPIO20 SCLK2/GPIO22 SCLK3/GPIO35 audio interfaces serial bit clocks In/Out – Serial input EF/GPIO6 error flag serial in In/Out – Serial input CFLG/GPIO5 C-flag serial in In/Out – Subcode clock RCK/QSPI_DIN/QSPI_DOUT/ GPIO26 audio interfaces subcode clock In/Out – Subcode sync QSPI_DOUT/SFSY/GPIO27 audio interfaces subcode sync In/Out – Subcode data QSPI_CLK/SUBR/GPIO25 audio interfaces subcode data In/Out – Clock frequency trim XTRIM/GPIO0 clock trim control Out – Audio clocks out MCLK1/GPIO11 QSPI_CS2/MCLK2/GPIO24 DAC output clocks Out – Audio clock in LRCK3/GPIO43/AUDIO_CLOCK Optional Audio clock Input – – Table 2. SCF5250 Signal Index (continued) Signal Name Mnemonic Function Input/ Output Reset State |