| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
210XM bảng dữ liệu(PDF) 47 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
210XM bảng dữ liệu(HTML) 47 Page - List of Unclassifed Manufacturers |
|
47 / 122 page ![]() Part No. Description 9270 Standard Alligator Clip Construction: Nickel-plated steel. Solder assembly. INSULATED SSTANDARD AALLIGATOR CCLIP Part No. Description 9274 Standard Alligator Clip with Vinyl Insulator INSULATED M MINIATURE AALLIGATOR CCLIP Part No. Description 9275 Miniature Alligator Clip with Vinyl Insulator Part No. Description 8016 Standard Banana Socket to Standard Alligator Clip STANDARD BBANANA SSOCKET TTO SSTANDARD AALLIGATOR CCLIP MINIATURE BBANANA SSOCKET TTO M MINIATURE AALLIGATOR CCLIP Part No. Description 8048 Miniature Banana Socket to Miniature Alligator Clip Construction: Insulator is molded PVC.Alligator jaws are nickel-plated steel. Banana socket is nickel-plated brass. Colors: Available in 10 colors. Construction: Nickel-plated steel. Solder assembly. Part No. Description 9272 Flexible Vinyl Insulator for Standard Alligator Clip Part No. Description 9273 Flexible Vinyl Insulator for Miniature Alligator Clip FLEXIBLE VVINYL M MINIATURE AALLIGATOR IINSULATOR Construction: Insulator is molded PVC. Colors: Available in 10 colors. Construction: Insulator is molded PVC. Alligator is nickel-plated steel. Colors: Available in 10 colors. Construction: Insulator is molded PVC. Alligator is nickel-plated steel. Colors: Available in 10 colors. ALLIGATOR CLIPS For aalligator cclip ttest lleads pplease ssee ppage 446. STANDARD AALLIGATOR CCLIP ((UNINSULATED) MINIATURE AALLIGATOR CCLIP ((UNINSULATED) 44 FLEXIBLE VVINYL SSTANDARD AALLIGATOR IINSULATOR Part No. Description 9271 Miniature Alligator Clip www.e-zz-hhooook.coom m Construction: Insulator is molded PVC. Colors: Available in 10 colors. Construction: Insulator is molded PVC. Alligator jaws are nickel-plated steel. Banana socket is nickel-plated brass. Colors: Available in 10 colors. |