công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BL0200C bảng dữ liệu(PDF) 13 Page - Sanken electric

tên linh kiện BL0200C
Giải thích chi tiết về linh kiện  High Efficiency
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

BL0200C bảng dữ liệu(HTML) 13 Page - Sanken electric

Back Button BL0200C Datasheet HTML 9Page - Sanken electric BL0200C Datasheet HTML 10Page - Sanken electric BL0200C Datasheet HTML 11Page - Sanken electric BL0200C Datasheet HTML 12Page - Sanken electric BL0200C Datasheet HTML 13Page - Sanken electric BL0200C Datasheet HTML 14Page - Sanken electric BL0200C Datasheet HTML 15Page - Sanken electric BL0200C Datasheet HTML 16Page - Sanken electric BL0200C Datasheet HTML 17Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
BL0200 Series
BL0200-DS Rev.2.1
SANKEN ELECTRIC CO.,LTD.
13
Feb. 25, 2014
8.4 PWM Dimming Function
Figure 8-9 shows the peripheral circuit of PWM pin
and SW pin.
The PWM pin is used for the PWM dimming signal
input. The SW pin drives the gate of external dimming
MOSFET (Q2, Q4). The SW pin voltage is turned on /
off by PWM signal and thus the dimming of LED is
controlled by PWM signal input.
As shown in Figure 8-10, when the PWM pin voltage
becomes
the
PWM
Pin
ON
Threshold
Voltage,
VPWM(ON) = 1.5 V or more, the SW pin voltage becomes
VCC. When the PWM pin voltage becomes the PWM Pin
OFF Threshold Voltage, VPWM(OFF) = 1.0 V or less, the
SW pin voltage becomes 0.1 V or less. The PWM pin has
the absolute maximum voltage of −0.3 V to 5 V, and the
input impedance, RPWM, of 200 kΩ.
The
PWM
dimming
signal
should
meet
these
specifications and threshold voltages of VPWM(ON) and
VPWM(OFF).
U1
SW1
Q2
R15
8
Drive
PWM OSC
Main Logic
3
PWM1
PWM_IN
PWM Pulse
Detector
VCC
LED
LED_OUT1(+)
LED_OUT1(
−)
Figure 8-9 The peripheral circuit of PWM pin
and SW pin.
PWM pin voltage
SW pin voltaege
VPWM(ON)
VPWM(OFF)
VCC
Time
Time
0
0
≤ 0.1V
Figure 8-10 The waveform of PWM pin and SW pin
8.5 Gate Drive
Figure 8-11 shows the peripheral circuit of DRV pin
and SW pin and FSET pin. The DRV pin is for boost
MOSFET, Q1 and Q3. The SW pin is for dimming
MOSFET, Q2 and Q4.
Table 8-1 shows drive voltages
and currents of DRV pin and SW pin.
● Power MOSFET should be selected so that these
VGS(th) threshold voltages are less than VDRV enough
over entire operating temperature range.
● Peripheral components of Power MOSFET, gate
resistors and diode, affect losses of power MOSFET,
gate waveform (ringing caused by the printed circuit
board trace layout), EMI noise, and so forth, these
values should be adjusted based on actual operation in
the application.
● The resistors between gate and source (R19, R24, R47
and R63) are used to prevent malfunctions due to steep
dv/dt at turn-off of the power MOSFET, and these
resistors are connected near each the gate of the power
MOSFETs and the ground line side of the current
detection resistance. The reference value of them is
from 10 kΩ to 100 kΩ.
Table 8-1 Drive voltage and current
Pins
Drive voltage, VDRV
Drive current, IDRV
High
Low
Source
Sink
DRV
VCC
≤ 0.1 V
−0.36 A
0.85 A
SW
VCC
≤ 0.1 V
−85 mA
220 mA
L1
C2
Q2
R15
D1
Q1
C1
LED_OUT1(+)
R16
R17
R19
R20
R21
R22
R24
D2
D3
DRV1
SW1
7
8
U1
PWM OSC
Main Logoc
Drive
Drive
VCC
VCC
GND 9
Figure 8-11 The peripheral circuit of DRV pin,
SW pin and FSET pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com