| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NX8563LB bảng dữ liệu(PDF) 4 Page - California Eastern Labs |
|
|
|||||||||||||||||||||||||||||
NX8563LB bảng dữ liệu(HTML) 4 Page - California Eastern Labs |
|
4 / 7 page ![]() NX8563 SERIES Wavelength code ITU-T1 Wavelength Frequency Wavelength code ITU-T1 Wavelength Frequency (nm) (THz) (nm) (THz) 287 1528.77 196.10 295 1529.55 196.00 303 1530.33 195.90 311 1531.11 195.80 318 1531.89 195.70 326 1532.68 195.60 334 1533.46 195.50 342 1534.25 195.40 350 1535.03 195.30 358 1535.82 195.20 366 1536.60 195.10 373 1537.39 195.00 381 1538.18 194.90 389 1538.97 194.80 397 1539.76 194.70 405 1540.55 194.60 413 1541.34 194.50 421 1542.14 194.40 429 1542.93 194.30 437 1543.73 194.20 445 1544.52 194.10 453 1545.32 194.00 461 1546.11 193.90 469 1546.91 193.80 477 1547.71 193.70 485 1548.51 193.60 Note: 1. The Value which omitted and computed the 3rd place below the decimal point. 493 1549.31 193.50 501 1550.11 193.40 509 1550.91 193.30 517 1551.72 193.20 525 1552.52 193.10 533 1553.32 193.00 541 1554.13 192.90 549 1554.94 192.80 557 1555.74 192.70 565 1556.55 192.60 573 1557.36 192.50 581 1558.17 192.40 589 1558.98 192.30 597 1559.79 192.20 606 1560.60 192.10 614 1561.41 192.00 622 1562.23 191.90 630 1563.04 191.80 638 1563.86 191.70 646 1564.67 191.60 654 1565.49 191.50 663 1566.31 191.40 671 1567.13 191.30 679 1567.95 191.20 687 1568.77 191.10 TABLE A: DWDM Wavelength based on ITU-T Recommendations (@TLD = Tset) BA NX8563 With FC-PC Connector Wavelength Code: Refer to Tables A and B LB: Anode Ground LF: Anode Floating ORDERING INFORMATION PART NUMBER PACKAGE NX8563-AZ* 14-Pin Butterrfly Package *NOTE: Please refer to the last page of this data sheet, “Compliance with EU Directives” for Pb-Free RoHS Compliance Infomation. 279 1527.99 196.20 |