| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
600R160-R1 bảng dữ liệu(PDF) 5 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
600R160-R1 bảng dữ liệu(HTML) 5 Page - Littelfuse |
|
5 / 6 page ![]() 111 Revised: July 12, 2010 POLYFUSE® Resettable PTCs © 2010 Littelfuse, Inc 600R Series Radial Leaded > 600R Series Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/600R.html for current information. Dimensions B A E D C F Part Number A B C D E Physical Characteristics Inches mm Inches mm Inches mm Inches mm Inches mm Lead (dia) Material Max. Max. Max. Max. Max. Max. Min. Min. Typ. Typ. Inches mm Device dimensions through February 10, 2010* 600R150 0.53 13.5 0.50 12.6 0.24 6 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu 600R150-RA 0.53 13.5 0.50 12.6 0.24 6 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu 600R150-RB 0.53 13.5 0.50 12.6 0.24 6 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu 600R160 0.63 16 0.50 12.6 0.24 6 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu 600R160-RA 0.63 16 0.50 12.6 0.24 6 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu 600R160-R1 0.63 16 0.50 12.6 0.24 6 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu Device dimensions after February 11, 2010* 600R150 0.35 9 0.49 12.5 0.18 4.6 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu 600R150-RA 0.35 9 0.49 12.5 0.18 4.6 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu 600R150-RB 0.35 9 0.49 12.5 0.18 4.6 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu 600R160 0.63 16 0.50 12.6 0.24 6 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu 600R160-RA 0.63 16 0.50 12.6 0.24 6 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu 600R160-R1 0.63 16 0.50 12.6 0.24 6 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu Packaging Part Marking System Part Number Ordering Number I hold (A) I hold Code Packaging Option Quantity Quantity & Packaging Codes 600R150 600R150F 0.15 150 Bulk 200 F 600R150ZR Tape and Ammo 600 ZR 600R150-RA 600R150-RAF 0.15 150 Bulk 200 F 600R150-RAZR Tape and Ammo 600 ZR 600R150-RB 600R150-RBF 0.15 150 Bulk 200 F 600R150-RBZR Tape and Ammo 600 ZR 600R160 600R160F 0.16 160 Bulk 200 F 600R160UR Tape and Ammo 500 UR 600R160-RA 600R160-RAF 0.16 160 Bulk 200 F 600R160-RAUR Tape and Ammo 500 UR 600R160-R1 600R160-R1F 0.16 160 Bulk 200 F 600R160-R1UR Tape and Ammo 500 UR 600 150 XXXX Voltage Rating Current Rating Date Code (Contact Littelfuse for additional information) Littelfuse Trademark * Littelfuse will be changing the form dimensions of 600R series devices. Effective Febraury 11, 2010, all 600R series devices will be manufactured using the smaller dimensions listed. This change affects dimensions only, and will have no effect on electrical specification, quality or performance. |