công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

14B bảng dữ liệu(PDF) 7 Page - Switchcraft, Inc.

tên linh kiện 14B
Giải thích chi tiết về linh kiện  COMMERCIAL PHONE JACKS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SWITCH [Switchcraft, Inc.]
Trang chủ  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

14B bảng dữ liệu(HTML) 7 Page - Switchcraft, Inc.

  14B Datasheet HTML 1Page - Switchcraft, Inc. 14B Datasheet HTML 2Page - Switchcraft, Inc. 14B Datasheet HTML 3Page - Switchcraft, Inc. 14B Datasheet HTML 4Page - Switchcraft, Inc. 14B Datasheet HTML 5Page - Switchcraft, Inc. 14B Datasheet HTML 6Page - Switchcraft, Inc. 14B Datasheet HTML 7Page - Switchcraft, Inc. 14B Datasheet HTML 8Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MATERIAL
Mounting Bushing: Nickel-plated copper alloy.
Insulation: Rigid plastic.
Springs: Special copper alloy. Integral contacts are
standard in the isolated switching circuits; fine silver
contacts in C12A switching circuit.
Sleeve Terminal: Copper alloy.
Hardware: Supplied with one Number P10001 copper alloy
nickel-plated hex nut, and one Number S1022 steel
nickel-plated washer - except copper alloy nickel-plated
washer
Number S10451 supplied on C11, C12A and C12B.
* Commercial jacks feature integral contacts. Integral contacts should not be used where
low contact resistance is a requirement.
Previous Page | Return to Index | Next Page
To search a category please click on the corresponding icon:
| Connectors | Jacks and Plugs |
| Patch Panels, Patch Kits & Jackfields | Cable Assemblies and Patch Cords | Switches |



Html Pages

1 2 3 4 5 6 7 8