công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S29GL01GS bảng dữ liệu(PDF) 99 Page - SPANSION

tên linh kiện S29GL01GS
Giải thích chi tiết về linh kiện  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS bảng dữ liệu(HTML) 99 Page - SPANSION

Back Button S29GL01GS Datasheet HTML 95Page - SPANSION S29GL01GS Datasheet HTML 96Page - SPANSION S29GL01GS Datasheet HTML 97Page - SPANSION S29GL01GS Datasheet HTML 98Page - SPANSION S29GL01GS Datasheet HTML 99Page - SPANSION S29GL01GS Datasheet HTML 100Page - SPANSION S29GL01GS Datasheet HTML 101Page - SPANSION S29GL01GS Datasheet HTML 102Page - SPANSION S29GL01GS Datasheet HTML 103Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 106 page
background image
October 9, 2013 S29GL_128S_01GS_00_08
GL-S MirrorBit® Family
99
Data
She e t
Notes:
1. Additional speed, package, and temperature options maybe offered in the future. Check with your local sales representative for
availability.
2. Package Type 0 is standard option.
S29GL128S
90
DHI, FHI, GHI, TFI
(Note 1)
01, 02
0, 3
(Note 2)
S29GL128S90DHIyyx
S29GL128S90FHIyyx
S29GL128S90GHIyyx
S29GL128S90TFIyyx
100
DHV, TFV
(Note 1)
01, 02
S29GL128S10DHVyyx
S29GL128S10TFVyyx
DHI, FHI, TFI
(Note 1)
V1, V2
S29GL128S10DHIyyx
S29GL128S10FHIyyx
S29GL128S10TFIyyx
110
DHV, TFV (Note 1)
V1, V2
S29GL128S11DHVyyxx
S29GL128S11TFVyyxx
Table 13.1 S29GL-S Valid Combinations (Sheet 2 of 2)
S29GL-S Valid Combinations
Base OPN
Speed (ns)
Package and Temperature
Model Number
Packing
Type
Ordering Part Number
(yy = Model Number, x =
Packing Type)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More