| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MA100RUI bảng dữ liệu(PDF) 4 Page - MicroPower Direct, LLC |
|
|
|||||||||||||||||||||||||||||
MA100RUI bảng dữ liệu(HTML) 4 Page - MicroPower Direct, LLC |
|
4 / 4 page ![]() www.micropowerdirect.com Notes: • All dimensions are typical in inches (mm) • Tolerance x.xx = ±0.02 (±0.50) • Pin 1 is marked by a “dot” or indentation on the top of the unit MicroPower Direct We Power Your Success - For Less! 292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com Standard Units - Plastic Case Pin Single Output Pin Dual Output 2-VIN 2-VIN 3-VIN 3-VIN 9 No Pin 9 Common 11 No Connection 11 -VOUT 14 +VOUT 14 +VOUT 16 -VOUT 16 Common 22 +VIN 22 +VIN 23 +VIN 23 +VIN Pin Connections s Standard Units - Metal Case Mechanical Dimensions Pin Single Output Pin Dual Output 1+VIN 1+VIN 2 No Connection 2 -VOUT 3 No Connection 3 Common 10 -VOUT 10 Common 11 +VOUT 11 +VOUT 12 -VIN 12 -VIN 13 -VIN 13 -VIN 14 +VOUT 14 +VOUT 15 -VOUT 15 Common 22 No Connection 22 Common 23 No Connection 23 -VOUT 24 +VIN 24 +VIN Pin Connections Pin Single Output 1 +VIN 2 No Connection Pin Connectio Alternate Pin-Out Units - Plastic Case Pin Dual Output 1 +VIN 2 VOUT Alternate Pin-Out Units - Metal Case For the alternate pin-out, add suffix “P2” to model number (i.e. MA124S-05RUI-P2) |