| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACT8945A bảng dữ liệu(PDF) 7 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT8945A bảng dữ liệu(HTML) 7 Page - Active-Semi, Inc |
|
7 / 42 page ![]() ACT8945A Rev 2, 11-Feb-14 - 7 - www.active-semi.com ActivePMU TM and ActivePathTM are trademarks of Active-Semi. I2CTM is a trademark of NXP. Copyright © 2014 Active-Semi, Inc. Innovative PowerTM Active-Semi Proprietary―For Authorized Recipients and Customers ABSOLUTE MAXIMUM RATINGS PARAMETER VALUE UNIT VP1, VP2 to GP12 VP3 to GP3 -0.3 to + 6 V BAT, VSYS, INL to GA -0.3 to + 6 V CHGIN to GA -0.3 to + 14 V SW1, OUT1 to GP12 -0.3 to (VVP1 + 0.3) V SW2, OUT2 to GP12 -0.3 to (VVP2 + 0.3) V SW3, OUT3 to GP3 -0.3 to (VVP3 + 0.3) V nPBIN, ACIN, CHGLEV, ISET, LBI, PWRHLD, REFBP, SCL, SDA, TH, VSEL, nIRQ, nLBO, nPBSTAT, nRSTO, nSTAT to GA -0.3 to + 6 V OUT4, OUT5, OUT6, OUT7 to GA -0.3 to (VINL + 0.3) V GP12, GP3 to GA -0.3 to + 0.3 V Operating Ambient Temperature -40 to 85 °C Maximum Junction Temperature 125 °C Maximum Power Dissipation TQFN55-40 (Thermal Resistance θJA = 30 oC/W) 2.7 W Storage Temperature -65 to 150 °C Lead Temperature (Soldering, 10 sec) 300 °C : Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may affect device reliability. |